Electronic Components Datasheet Search
  English  ▼

X  

AD4692 Datasheet(PDF) 62 Page - Analog Devices

Part # AD4692
Description  16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4692 Datasheet(HTML) 62 Page - Analog Devices

Back Button AD4692 Datasheet HTML 58Page - Analog Devices AD4692 Datasheet HTML 59Page - Analog Devices AD4692 Datasheet HTML 60Page - Analog Devices AD4692 Datasheet HTML 61Page - Analog Devices AD4692 Datasheet HTML 62Page - Analog Devices AD4692 Datasheet HTML 63Page - Analog Devices AD4692 Datasheet HTML 64Page - Analog Devices AD4692 Datasheet HTML 65Page - Analog Devices AD4692 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
Data Sheet
AD4691/AD4692
REGISTER INFORMATION
analog.com
Rev. 0 | 62 of 81
Reserved Register
Address: 0x000E, Reset: 0x00, Name: STREAM_MODE
Reserved
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] Loop_Count (R/W)
Table 33. Bit Descriptions for STREAM_MODE
Bits
Bit Name
Description
Reset
Access
[7:0]
LOOP_COUNT
Reserved. This field must be set to 0x00.
0x00
R/W
SPI Configuration C Register
Address: 0x0010, Reset: 0x23, Name: SPI_CONFIG_C
CRC Enable A
CRC Enable B
Reserved
0
1
1
1
2
0
3
0
4
0
5
1
6
0
7
0
[7:6] CRC_EN_A (R/W)
[1:0] CRC_EN_B (R/W)
[5] MB_STRICT (R)
[4:2] RESERVED
Table 34. Bit Descriptions for SPI_CONFIG_C
Bits
Bit Name
Description
Reset
Access
[7:6]
CRC_EN_A
CRC Enable A. Set CRC_EN_A to 0x1 and CRC_EN_B to 0x2 in the same register write frame to enable interface CRC. 0x0
R/W
0x0: CRC disabled.
0x1: CRC enabled.
5
MB_STRICT
Reserved. This bit must be set to 1.
0x1
R/W
[4:2]
RESERVED
Reserved.
0x0
R
[1:0]
CRC_EN_B
CRC Enable B. Set CRC_EN_A to 0x1 and CRC_EN_B to 0x2 in the same register write frame to enable interface CRC. 0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com