Electronic Components Datasheet Search
  English  ▼

X  

AD4693BCPZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD4693BCPZ
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693BCPZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD4693BCPZ Datasheet HTML 35Page - Analog Devices AD4693BCPZ Datasheet HTML 36Page - Analog Devices AD4693BCPZ Datasheet HTML 37Page - Analog Devices AD4693BCPZ Datasheet HTML 38Page - Analog Devices AD4693BCPZ Datasheet HTML 39Page - Analog Devices AD4693BCPZ Datasheet HTML 40Page - Analog Devices AD4693BCPZ Datasheet HTML 41Page - Analog Devices AD4693BCPZ Datasheet HTML 42Page - Analog Devices AD4693BCPZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
Data Sheet
AD4693/AD4694
MODES OF OPERATION
analog.com
Rev. 0 | 39 of 77
AUTONOMOUS MODE
In autonomous mode, SPI commands are used to start and stop
autonomous ADC sampling. The internal oscillator functions as the
ADC sampling clock, and is enabled and disabled by writing to
the OSC_EN bit in the OSC_EN_REG register. Setting OSC_EN
to 1 enables the internal oscillator to run and trigger conversions
until OSC_EN is set back to 0. After each conversion, ADC results
are pushed to the averaging filter of the corresponding channel,
and the channel sequencer updates the multiplexer to the next
channel in the sequence. After disabling the internal oscillator, the
ADC results are read back via the averaging filter or accumulator
output registers as described in the Averaging Filter Readback
section. Table 20 shows the configuration bit settings for selecting
autonomous mode and the desired stop state source.
Figure 68 shows a typical connection diagram for the digital host
and AD4693/AD4694 digital interface in autonomous mode. The
CNV input state is don't care in autonomous mode. Figure 69
shows a timing diagram of the OSC_EN SPI writes, the internal
oscillator, and SPI readback timing in autonomous mode.
Prior to performing conversions in autonomous mode, the internal
oscillator frequency, channel sequencer, and averaging filter set-
tings must be configured as described in the Theory of Operation
section, followed by a state reset.
Figure 96 illustrates the step-by-step configuration flow for AD4693/
AD4694 in autonomous mode.
Figure 68. Autonomous Mode Example Connection Diagram
Figure 69. Autonomous Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com