Electronic Components Datasheet Search
  English  ▼

X  

AD4693BCPZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD4693BCPZ
Description  8-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4693BCPZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD4693BCPZ Datasheet HTML 54Page - Analog Devices AD4693BCPZ Datasheet HTML 55Page - Analog Devices AD4693BCPZ Datasheet HTML 56Page - Analog Devices AD4693BCPZ Datasheet HTML 57Page - Analog Devices AD4693BCPZ Datasheet HTML 58Page - Analog Devices AD4693BCPZ Datasheet HTML 59Page - Analog Devices AD4693BCPZ Datasheet HTML 60Page - Analog Devices AD4693BCPZ Datasheet HTML 61Page - Analog Devices AD4693BCPZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 77 page
background image
Data Sheet
AD4693/AD4694
REGISTER INFORMATION
analog.com
Rev. 0 | 58 of 77
The AD4693/AD4694 device configurations are set via their config-
uration registers. The AD4693/AD4694 SPIs are used to read and
write to the configuration registers as described in the Register
Access section.
The AD4693/AD4694 configuration registers are mapped to a set
of register addresses. Each address value corresponds to a byte
of register data. As described in the Register Length section, most
registers are one byte long, but some are multiple bytes long. Table
24 shows the register memory address assignments for all of the
AD4693/AD4694 configuration registers.
Bits and fields in the AD4693/AD4694 configuration registers are
defined as read only, read/write, or read/write-1-to-clear. In the
access column of Table 24, registers that contain exclusively read-
only bits are represented with R and registers with writable bits are
represented with R/W. In the access column of Table 25 through
Table 60, read only bits are represented with R, read/write bits are
represented with R/W, and write 1 to clear bits are represented with
R/W1C.
The SPI_STATUS register contains various error flags that indicate
whether an SPI read or write transaction violated one of several
aspects of the protocols outlined in the Register Access section
(see Table 35). The SPI_ERROR bit in the status register is the
bitwise logical OR of the error flags in the SPI_STATUS register
(see Table 36).
Table 24. AD4693/AD4694 Configuration Register Summary
Address
Name
Description
Reset
Access
0x0000
SPI_CONFIG_A
SPI Configuration A.
0x10
R/W
0x0001
SPI_CONFIG_B
SPI Configuration B.
0x00
R/W
0x0003
DEVICE_TYPE
Device Type.
0x07
R
0x0004
PRODUCT_ID_LSB
Product Identification (LSB).
1
R
0x0005
PRODUCT_ID_MSB
Product Identification (MSB).
0x00
R
0x000A
SCRATCH_PAD
Scratch Pad.
0x00
R/W
0x000C
VENDOR_ID_LSB
Vendor ID (LSB).
0x56
R
0x000D
VENDOR_ID_MSB
Vendor ID (MSB).
0x04
R
0x000E
STREAM_MODE
Reserved.
0x00
R/W
0x0010
SPI_CONFIG_C
SPI Configuration C.
0x23
R/W
0x0011
SPI_STATUS
SPI Status.
0x00
R/W
0x0014
DEVICE_STATUS
Device status.
0x20
R
0x001A
CLAMP_STATUS
Clamp status.
0x00
R
0x0020
DEVICE_SETUP
Device setup.
0x10
R/W
0x0021
REF_CTRL
Reference control.
0x10
R/W
0x0022
SEQ_CTRL
Sequencer control.
0x80
R/W
0x0023
OSC_FREQ_REG
Internal oscillator frequency.
0x00
R/W
0x0025
STD_SEQ_CONFIG
Standard sequencer configuration.
0x0001
R/W
0x0030 to 0x0037
CONFIG_INn
Analog input settings configuration.
0x08
R/W
0x0100 to 0x017F
AS_SLOTn
Advanced sequencer slot.
0x00
R/W
0x0180
OSC_EN_REG
Internal oscillator enable.
0x00
R/W
0x0181
STATE_RESET_REG
State reset.
0x01
R/W
0x0182
ADC_SETUP
ADC setup.
0x00
R/W
0x0184
ACC_MASK
Accumulator mask.
0xFE
R/W
0x0186 to 0x018D
ACC_DEPTH_INn
Accumulator depth.
0x3F
R/W
0x0196
GP0_GP1_MODE
GP0 and GP1 control.
0x00
R/W
0x0197
GP2_GP3_MODE
GP2 and GP3 control.
0x00
R/W
0x01A0
GPIO_READ
GPIO logic input state.
0x00
R
0x01B0
ACC_STS_FULL
Accumulator full status.
0x00
R
0x01B2
ACC_STS_OVR
Accumulator overrun status.
0x00
R
0x01B4
ACC_STS_SAT
Accumulator saturation status.
0x00
R
0x01C0 to 0x01C7
ACC_STATUS_INn
Accumulator general status.
0x00
R
0x0201 to 0x020F
AVG_INn
Averaging filter data.
0x00
R
0x0222 to 0x0237
AVG_STS_INn
Averaging filter data plus status.
0x000
R
0x0252 to 0x0267
ACC_INn
Accumulator data.
0x000
R
0x0283 to 0x029F
ACC_STS_INn
Accumulator data plus status.
0x0000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com