Electronic Components Datasheet Search
  English  ▼

X  

AD4692BCPZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD4692BCPZ
Description  16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4692BCPZ Datasheet(HTML) 2 Page - Analog Devices

  AD4692BCPZ Datasheet HTML 1Page - Analog Devices AD4692BCPZ Datasheet HTML 2Page - Analog Devices AD4692BCPZ Datasheet HTML 3Page - Analog Devices AD4692BCPZ Datasheet HTML 4Page - Analog Devices AD4692BCPZ Datasheet HTML 5Page - Analog Devices AD4692BCPZ Datasheet HTML 6Page - Analog Devices AD4692BCPZ Datasheet HTML 7Page - Analog Devices AD4692BCPZ Datasheet HTML 8Page - Analog Devices AD4692BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 81 page
background image
Data Sheet
AD4691/AD4692
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 81
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................3
Specifications........................................................ 4
Timing Specifications......................................... 7
Timing Diagrams................................................ 8
Absolute Maximum Ratings...................................9
Thermal Resistance........................................... 9
Electrostatic Discharge (ESD) Ratings...............9
ESD Caution.......................................................9
Pin Configuration and Function Descriptions...... 10
Typical Performance Characteristics................... 13
Terminology......................................................... 20
Theory of Operation.............................................22
Overview.......................................................... 22
Converter Operation.........................................22
Transfer Function............................................. 23
Easy Drive Features.........................................23
Analog Inputs................................................... 24
Analog Input Precharge....................................25
Input Overvoltage Protection Clamps...............26
Voltage Reference Input...................................26
Power Supplies................................................ 27
Channel Sequencer..........................................28
Averaging Filters.............................................. 31
Internal Oscillator............................................. 33
Temperature Sensor.........................................33
General Purpose Pin Functions....................... 34
Modes of Operation............................................. 35
CNV Clock Mode..............................................36
CNV Burst Mode.............................................. 37
SPI Burst Mode................................................ 38
Autonomous Mode........................................... 39
Manual Mode....................................................40
Digital Interface....................................................42
Register Access............................................... 42
Device Reset....................................................45
State Reset.......................................................46
Applications Information...................................... 47
Interleaved Channel Sequencing..................... 48
Effective Channel Sample Rate....................... 48
Priority Sequence Scheme...............................49
Selecting RC Kickback Filter Components.......51
Masking Channels to Avoid Lockout
Conditions...................................................... 51
Bulk Reading ADC Data Registers...................52
Configuration Flowcharts..................................53
Layout Guidelines.............................................57
Evaluating the AD4691/AD4692
Performance...................................................57
Register Information............................................ 58
Register Details................................................ 59
Outline Dimensions............................................. 80
Ordering Guide ................................................81
REVISION HISTORY
2/2026—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com