Electronic Components Datasheet Search
  English  ▼

X  

W209C Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # W209C
Description  Frequency Generator for Integrated Core Logic with 133-MHz FSB
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W209C Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button W209C Datasheet HTML 8Page - Cypress Semiconductor W209C Datasheet HTML 9Page - Cypress Semiconductor W209C Datasheet HTML 10Page - Cypress Semiconductor W209C Datasheet HTML 11Page - Cypress Semiconductor W209C Datasheet HTML 12Page - Cypress Semiconductor W209C Datasheet HTML 13Page - Cypress Semiconductor W209C Datasheet HTML 14Page - Cypress Semiconductor W209C Datasheet HTML 15Page - Cypress Semiconductor W209C Datasheet HTML 16Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
W209C
PRELIMINARY
Document #: 38-07171 Rev. *A
Page 14 of 16
Layout Diagram
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
+2.5V Supply
FB
+3.3V Supply
C4
C1 & C3 = 10–22
µF
C2 & C4 = 0.005
µF
10
µF
FB
C1
C2
µ
0.005
µf
FB = Dale ILB1206 - 300 (300
Ω @ 100 MHz)
10
µF
0.005
µF
G
G
G
G
VDDQ2
VDDQ3
C3
C6 = 0.1
µF
G
G
5
Ω
VDDQ3
C5
C6
48
47
46
45
44
43
42
41
40
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
V
VDDQ3
Core
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
C5 = 47
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com