Electronic Components Datasheet Search
  English  ▼

X  

WG12232F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # WG12232F
Description  SPECIFICATION FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WG12232F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button WG12232F Datasheet HTML 14Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 15Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 16Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 17Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 18Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 19Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 20Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 21Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
20/21
Appendix B
Inspection items and criteria for display defects
Items
Contents
Criteria
Open segment or open common
Not permitted
Short
Not permitted
Wrong viewing angle
Not permitted
Contrast radio uneven
According to the limit specimen
Crosstalk
According to the limit specimen
Not counted
Max.3 dots allowed
X<0.1mm
0.1mm
X
0.2mm
X=(a+b)/2
Not counted
Max.2 dots allowed
Pin
holes
and cracks
in segment
(DOT)
A<0.1mm
0.1mm
A
0.2mm
D<0.25mm
Max.3
dots
allowed
Not counted
Max.3 spots allowed
X<0.1mm
0.1mm
X
0.2mm
Black spot
(in viewing
area)
X=(a+b)/2
Not counted
Max.3 lines allowed
Black line
(in viewing
area)
a<0.02mm
0.02mm
a
0.05mm
b
0.5mm
Max.3
spots
(lines)
allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com