Electronic Components Datasheet Search
  English  ▼

X  

WG12232F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WG12232F
Description  SPECIFICATION FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WG12232F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WG12232F Datasheet HTML 5Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 6Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 7Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 8Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 9Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 10Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 11Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 12Page - List of Unclassifed Manufacturers WG12232F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image

+< %   

!"#
$%&"'
()(' (*+, -. "!




9

;
<
=
>
/



9

;














Vss
GND
Vdd
Power supply 5.0 V , connect to A of B/L through Rled
A0
H/L
H: Display Data; L: Instructrions
Vo
Contrast adjustment
E1
Chip Enable for U1 (Segment 1 ~ 61)
E2
Chip Enable for U2 (Segment 62 ~ 122)
DB0
Data Bus Line
DB1
DB2
DB3
DB4
DB5
DB6
DB7
R/W
H: READ DATA; L: WRITE DATA
/VLED
VLED = 0 LED back light working.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com