Electronic Components Datasheet Search
  English  ▼

X  

W320-03HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W320-03HT
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W320-03HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  W320-03HT Datasheet HTML 1Page - Cypress Semiconductor W320-03HT Datasheet HTML 2Page - Cypress Semiconductor W320-03HT Datasheet HTML 3Page - Cypress Semiconductor W320-03HT Datasheet HTML 4Page - Cypress Semiconductor W320-03HT Datasheet HTML 5Page - Cypress Semiconductor W320-03HT Datasheet HTML 6Page - Cypress Semiconductor W320-03HT Datasheet HTML 7Page - Cypress Semiconductor W320-03HT Datasheet HTML 8Page - Cypress Semiconductor W320-03HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
200-MHz Spread Spectrum Clock
Synthesizer/Driver
W320-03
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07248 Rev. *C
Revised June 28, 2005
Features
• Compliant with Intel® CK-Titan Clock Synthe-
sizer/Driver Specifications
• Multiple output clocks at different frequencies
• Three pairs of differential CPU outputs, up to 200 MHz
• Ten synchronous PCI clocks, three free-running
• Six 3V66 clocks
• Two 48-MHz clocks
• One reference clock at 14.318 MHz
• One VCH clock
• Spread Spectrum clocking (down spread)
• Power-down features (PCI_STOP#, CPU_STOP#
PWR_DWN#)
• Three Select inputs (Mode select & IC Frequency
Select)
• OE and Test Mode support
• 56-pin SSOP package and 56-pin TSSOP package
Benefits
• Supports next-generation Pentium® processors using
differential clock drivers
• Motherboard clock generator
• Support Multiple CPUs and a chipset
• Support for PCI slots and chipset
• Supports AGP, DRCG reference and Hub Link
• Supports USB host controller and graphic controller
• Supports ISA slots and I/O chip
• Enables reduction of electromagnetic interference
(EMI) and overall system cost
• Enables ACPI-compliant designs
• Supports up to four CPU clock frequencies
• Enables ATE and “bed of nails” testing
• Widely available, standard package enables lower cost
Logic Block Diagram
SSOP & TSSOP
Top View
1
2
3
4
5
6
7
8
9
10
11
12
33
32
31
30
29
36
35
VDD_REF
34
13
14
15
16
17
18
19
20
21
22
23
24
45
44
43
42
41
37
38
39
40
48
47
46
XTAL_IN
XTAL_OUT
GND_REF
25
26
27
28
49
52
51
50
53
56
55
54
PCI0
PCI5
66BUFF2/3V66_4
GND_3V66
PCI_STOP#
S2
GND_CPU
CPU_STOP#
PCI_F2
GND_PCI
GND_3V66
VDD_CORE
VDD_ 48 MHz
MULT0
VDD_CPU
REF
PCI_F0
PCI_F1
VDD_PCI
GND_PCI
PCI1
PCI2
PCI3
VDD_PCI
PCI4
PCI6
VDD_3V66
66BUFF0/3V66_2
66BUFF1/3V66_3
66IN/3V66_5
PWR_DWN#
3V66_0
VDD_3V66
3V66_1/VCH
GND_ 48 MHz
DOT
USB
GND_IREF
IREF
CPU#2
CPU2
VDD_CPU
CPU#1
CPU1
CPU#0
CPU0
S0
S1
GND_CORE
PWR_GD#
SCLK
SDATA
Pin Configurations
VDD_REF
CPU0:2
CPU#0:2
PCI_F0:2
XTAL
PLL Ref Freq
X2
X1
REF
VDD_PCI
USB (48MHz)
VCH_CLK/ 3V66_1
OSC
VDD_CPU
CPU_STOP#
SCLK
PCI0:6
PCI_STOP#
Stop
Clock
Control
Stop
Clock
Control
PLL 1
SMBus
Logic
DOT (48MHz)
PWR_DWN#
S0:2
VDD_48MHz
SDATA
VDD_3V66
3V66_0
3V66_2:4/
Divider
Network
3V66_5/ 66IN
PWR
PWR
PWR
PWR
PWR
PLL 2
PWR
66BUFF0:2
Gate
PWR_GD#
/2


Similar Part No. - W320-03HT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W320-03HT SPECTRALINEAR-W320-03HT Datasheet
251Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03HT SILABS-W320-03HT Datasheet
201Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results

Similar Description - W320-03HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W320-04H CYPRESS-W320-04H Datasheet
264Kb / 18P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-03 CYPRESS-W320-03 Datasheet
272Kb / 19P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
SpectraLinear Inc
W320-03 SPECTRALINEAR-W320-03 Datasheet
251Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 SPECTRALINEAR-W320-04 Datasheet
197Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Cypress Semiconductor
W320-04 CYPRESS-W320-04 Datasheet
261Kb / 17P
200-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Silicon Laboratories
W320-03 SILABS-W320-03 Datasheet
201Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
W320-04 SILABS-W320-04 Datasheet
170Kb / 16P
200 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Renesas Technology Corp
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com