Electronic Components Datasheet Search
  English  ▼

X  

W320-03HT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # W320-03HT
Description  200-MHz Spread Spectrum Clock Synthesizer/Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W320-03HT Datasheet(HTML) 3 Page - Cypress Semiconductor

  W320-03HT Datasheet HTML 1Page - Cypress Semiconductor W320-03HT Datasheet HTML 2Page - Cypress Semiconductor W320-03HT Datasheet HTML 3Page - Cypress Semiconductor W320-03HT Datasheet HTML 4Page - Cypress Semiconductor W320-03HT Datasheet HTML 5Page - Cypress Semiconductor W320-03HT Datasheet HTML 6Page - Cypress Semiconductor W320-03HT Datasheet HTML 7Page - Cypress Semiconductor W320-03HT Datasheet HTML 8Page - Cypress Semiconductor W320-03HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
W320-03
Document #: 38-07248 Rev. *C
Page 3 of 18
Function Table [1]
S2
S1
S0
CPU
(MHz)
3V66[0:1]
(MHz)
66BUFF[0:2]/3
V66[2:4] (MHz)
66IN/3V66_5
(MHz)
PCI_F/PCI
(MHz)
REF0(MHz)
USB/DOT
(MHz)
Notes
1
0
0
66 MHz
66 MHz
66 IN
66 MHz Input
66 IN/2
14.318 MHz 48 MHz
2, 3, 4
1
0
1
100 MHz
66 MHz
66 IN
66 MHz Input
66 IN/2
14.318 MHz 48 MHz
2, 3, 4
1
1
0
200 MHz
66 MHz
66 IN
66 MHz Input
66 IN/2
14.318 MHz 48 MHz
2, 3, 4
1
1
1
133 MHz
66 MHz
66 IN
66 MHz Input
66 IN/2
14.318 MHz 48 MHz
2, 3, 4
0
0
0
66 MHz
66 MHz
66 MHz
66 MHz
33 MHz
14.318 MHz 48 MHz
2, 3, 4
0
0
1
100 MHz
66 MHz
66 MHz
66 MHz
33 MHz
14.318 MHz 48 MHz
2, 3, 4
0
1
0
200 MHz
66 MHz
66 MHz
66 MHz
33 MHz
14.318 MHz 48 MHz
2, 3, 4
0
1
1
133 MHz
66 MHz
66 MHz
66 MHz
33 MHz
14.318 MHz 48 MHz
2, 3, 4
Mid 0
0
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
1, 5
Mid 0
1
TCLK/2
TCLK/4
TCLK/4
TCLK/4
TCLK/8
TCLK
TCLK/2
6, 7, 8
Mid 1
0
Reserved Reserved Reserved
Reserved
Reserved
Reserved
Reserved
–
Mid 1
1
Reserved Reserved Reserved
Reserved
Reserved
Reserved
Reserved
–
Swing Select Functions
Mult0
Board Target
Trace/Term Z
Reference R, IREF =
VDD/(3*Rr)
Output
Current
VOH @ Z
060
Ω
Rr = 221 1%,
IREF = 5.00 mA
IOH = 4*IREF
1.0V @ 50
150
Ω
Rr = 475 1%,
IREF = 2.32 mA
IOH = 6*IREF
0.7V @ 50
Clock Driver Impedances
Buffer Name
VDD Range
Buffer Type
Impedance
Minimum
Ω
Typical
Ω
Maximum
Ω
CPU, CPU#
Type X1
50
REF
3.135–3.465
Type 3
20
40
60
PCI, 3V66, 66BUFF
3.135–3.465
Type 5
12
30
55
USB
3.135–3.465
Type 3A
12
30
55
DOT
3.135–3.465
Type 3B
12
30
55
Clock Enable Configuration
PWR_DWN# CPU_STOP# PCI_STOP#
CPU
CPU#
3V66
66BUFF PCI_F
PCI
USB/DOT
VCOS/
OSC
0
X
X
IREF*2 FLOAT
LOW
LOW
LOW
LOW
LOW
OFF
1
0
0
IREF*2 FLOAT
ON
ON
ON
OFF
ON
ON
1
0
1
IREF*2 FLOAT
ON
ON
ON
ON
ON
ON
1
1
0
ON
ON
ON
ON
ON
OFF
ON
ON
11
1
ON
ON
ON
ON
ON
ON
ON
ON
Notes:
1. TCLK is a test clock driven in on the XTALIN input in test mode.
2. “Normal” mode of operation.
3. Range of reference frequency allowed is min. = 14.316 nominal = 14.31818 MHz, max = 14.32 MHz.
4. Frequency accuracy of 48 MHz must be +167PPM to match USB default.
5. Mid is defined a Voltage level between 1.0V and 1.8V for 3 level input functionality. Low is below 0.8V. High is above 2.0V.
6. TCLK is a test clock over driven on the XTAL_IN input during test mode.
7. Required for DC output impedance verification.
8. These modes are to use the SAME internal dividers as the CPU = 200-MHz mode. The only change is to slow down the internal VCO to allow under clock
margining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com