Electronic Components Datasheet Search
  English  ▼

X  

Z9975 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # Z9975
Description  3.3V, 150MHz, Multi-Output Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9975 Datasheet(HTML) 2 Page - Cypress Semiconductor

  Z9975 Datasheet HTML 1Page - Cypress Semiconductor Z9975 Datasheet HTML 2Page - Cypress Semiconductor Z9975 Datasheet HTML 3Page - Cypress Semiconductor Z9975 Datasheet HTML 4Page - Cypress Semiconductor Z9975 Datasheet HTML 5Page - Cypress Semiconductor Z9975 Datasheet HTML 6Page - Cypress Semiconductor Z9975 Datasheet HTML 7Page - Cypress Semiconductor Z9975 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3.3V, 150MHz, Multi-Output Zero Delay Buffer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07091 Rev. *B
12/26/2002
Page 2 of 8
Z9975
Block Diagram
Fig.1
VDD
VDD
VDD
VDD
VDD
5
5
4
250K
1
0
0
1
Divide by
1, 2 & 4
C
/2
/4
Divide by
2, 4 & 6
C
/2
/4
/6
0
1
0
1
0
1
Div. by 2
C
/2
5
5
4
1
4
5
5
A
B
AND
Gate
A
B
Y
A
B
Y
250K
PLL
Ref-in
VCO-out
Feedback
250K
250K
0
1
0
1
250K
250K
250K
250K
250K
250K
250K
250K
250K
TCLK0
TCLK1
FB_In
PLL_EN
VCO_sel0
QFB
Qa(0:4)
Qb(0:4)
Qc(0:3)
MR#
fsela
TCLK_sel
OE
fselc
fselb
fselFB1
fselFB0
Reset#
Reset#
Reset#
PLLinit#
Y
AND
Gate
AND
Gate
VCO_Sel1
VSS
/1
250K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com