Electronic Components Datasheet Search
  English  ▼

X  

VS6624 Datasheet(PDF) 24 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 20Page - STMicroelectronics VS6624 Datasheet HTML 21Page - STMicroelectronics VS6624 Datasheet HTML 22Page - STMicroelectronics VS6624 Datasheet HTML 23Page - STMicroelectronics VS6624 Datasheet HTML 24Page - STMicroelectronics VS6624 Datasheet HTML 25Page - STMicroelectronics VS6624 Datasheet HTML 26Page - STMicroelectronics VS6624 Datasheet HTML 27Page - STMicroelectronics VS6624 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 106 page
background image
Output data formats
VL6624/VS6624
24/106
RGB and Bayer 10 bit data formats
The VL6624/VS6624 can output data in the following formats:
●
RGB565
●
RGB444 (encapsulated as RGB565)
●
RGB444 (zero padded)
●
Bayer 10-bit
Note:
Pixels in Bayer 10-bit data output are defect corrected, correctly exposed and white
balanced. Any or all of these functions can be disabled.
In each of these modes 2 bytes of data are required for each output pixel. The encapsulation
of the data is shown in
Table 9.
Figure 9.
RGB and Bayer data formats
(2) RGB 444 packed as RGB565
0
1
2
3
4
5
6
7
Bit
R3
R4
R2 R1
G5
R0
G4 G3
second byte
0
1
2
3
4
5
6
7
Bit
G1
G2
G0 B4
B2
B3
B1 B0
(1) RGB565 data packing
first byte
0
1
2
3
4
5
6
7
Bit
R2
R3
R1 R0
G3
1
G2 G1
second byte
0
1
2
3
4
5
6
7
Bit
1
G0
0
B3
B1
B2
B0
1
first byte
(3) RGB 444 zero padded
0
1
2
3
4
5
6
7
Bit
0
0
0
0
R2
R3
R1 R0
second byte
0
1
2
3
4
5
6
7
Bit
G2
G3
G1 G0
B2
B3
B1 B0
first byte
(4) Bayer 10-bit
0
1
2
3
4
5
6
7
Bit
0
1
1
0
0
1
b9 b8
second byte
0
1
2
3
4
5
6
7
Bit
b6
b7
b5 b4
b2
b3
b1
b0
first byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com