Electronic Components Datasheet Search
  English  ▼

X  

VS6624 Datasheet(PDF) 47 Page - STMicroelectronics

Part # VS6624
Description  1.3 Megapixel single-chip camera module
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6624 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VS6624 Datasheet HTML 43Page - STMicroelectronics VS6624 Datasheet HTML 44Page - STMicroelectronics VS6624 Datasheet HTML 45Page - STMicroelectronics VS6624 Datasheet HTML 46Page - STMicroelectronics VS6624 Datasheet HTML 47Page - STMicroelectronics VS6624 Datasheet HTML 48Page - STMicroelectronics VS6624 Datasheet HTML 49Page - STMicroelectronics VS6624 Datasheet HTML 50Page - STMicroelectronics VS6624 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
VL6624/VS6624
Register map
47/106
Low level control registers
Note:
The default values for the above registers are true when the device is powered on, Ext. Clk
input is present and the CE pin is high. All other registers can be read when the MicroEnable
register is set to 0x02.
Table 7.
Low-level control registers
Index
LowLevelControlRegisters(1)
1.
Can be controlled in all stable states.
0xC003
MicroEnable
Default value
0x1c
Purpose
Used to power up the device
Type
CODED
Possible values
<0x1c> initial state after low to high transition of CE pin
<0x02> Power enable for all MCU Clock- start device
0xC044
DIO_Enable
Default value
0x00
Purpose
Enables the digital I/O of the device
Type
CODED
Possible values
<0> IO pins in a high impedance state ‘Tri-state’
<1> IO pins enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com