Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 53 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 53 Page - SMSC Corporation

Back Button USB2524_07 Datasheet HTML 49Page - SMSC Corporation USB2524_07 Datasheet HTML 50Page - SMSC Corporation USB2524_07 Datasheet HTML 51Page - SMSC Corporation USB2524_07 Datasheet HTML 52Page - SMSC Corporation USB2524_07 Datasheet HTML 53Page - SMSC Corporation USB2524_07 Datasheet HTML 54Page - SMSC Corporation USB2524_07 Datasheet HTML 55Page - SMSC Corporation USB2524_07 Datasheet HTML 56Page - SMSC Corporation USB2524_07 Datasheet HTML 57Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
SMSC USB2524
53
Revision 1.91 (08-22-07)
DATASHEET
Chapter 11 DC Parameters
11.1
Maximum Guaranteed Ratings
Operating Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55o to +150oC
Lead Temperature Range (soldering, 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +325oC
Positive Voltage on any I/O pin, with respect to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Negative Voltage on any I/O pin, with respect to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.V
Positive Voltage on XTAL1, with respect to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0V
Positive Voltage on XTAL2, with respect to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6V
Negative Voltage on XTAL1 and XTAL2, with respect to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.V
Maximum VDDA33 &VDD33. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.0V
*Stresses above the specified parameters could cause permanent damage to the device. This is a
stress rating only and functional operation of the device at any other condition above those indicated
in the operation sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies
exhibit voltage spikes on their outputs when the AC power is switched on or off. In addition,
voltage transients on the AC power line may appear on the DC output. When this possibility
exists, it is suggested that a clamp circuit be used.
11.1.1
DC Electrical Characteristics
(TA = 0°C - 70°C, VDD33, VDDA33, = +3.3 V tolerance -5% to ±10%)
Table 11.1 DC Electrical Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I, IS Type Input Buffer
Low Input Level
High Input Level
Input Leakage
Hysteresis (‘IS’ Only)
VILI
VIHI
IIL
VHYSI
2.0
-10
250
300
0.8
+10
350
V
V
uA
mV
TTL Levels
VIN = 0 to VDD33
Input Buffer with Pull-Up
(IPU)
Low Input Level
High Input Level
Low Input Leakage
High Input Leakage
VILI
VIHI
IILL
IIHL
2.0
0.8
10
30
V
V
uA
uA
TTL Levels
VIN = 0
VIN = VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com