Electronic Components Datasheet Search
  English  ▼

X  

USB2524 Datasheet(PDF) 56 Page - SMSC Corporation

Part # USB2524
Description  USB MultiSwitchTM Hub
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2524 Datasheet(HTML) 56 Page - SMSC Corporation

Back Button USB2524_07 Datasheet HTML 49Page - SMSC Corporation USB2524_07 Datasheet HTML 50Page - SMSC Corporation USB2524_07 Datasheet HTML 51Page - SMSC Corporation USB2524_07 Datasheet HTML 52Page - SMSC Corporation USB2524_07 Datasheet HTML 53Page - SMSC Corporation USB2524_07 Datasheet HTML 54Page - SMSC Corporation USB2524_07 Datasheet HTML 55Page - SMSC Corporation USB2524_07 Datasheet HTML 56Page - SMSC Corporation USB2524_07 Datasheet HTML 57Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
USB MultiSwitchTM Hub
Datasheet
Revision 1.91 (08-22-07)
56
SMSC USB2524
DATASHEET
Chapter 12 AC Specifications
12.1
Oscillator/Clock
Crystal: Parallel Resonant, Fundamental Mode, 24 MHz
±100ppm.
External Clock: 50% Duty cycle
± 10%, 24 MHz ± 100ppm, Jitter < 100ps rms.
12.1.1
SMBus Interface:
The SMSC Switching Hub conforms to all voltage, power, and timing characteristics and specifications
as set forth in the SMBus 1.0 Specification for Slave-Only devices (except as noted in Section 7.3,
"SMBus Slave Interface").
12.1.2
I2C EEPROM:
Frequency is fixed at 58.6 KHz
± 20%.
12.1.3
USB 2.0
The Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in
the USB 2.0 Specification which is available at the
www.usb.org web site. Please refer to the USB
Specification for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com