Electronic Components Datasheet Search
  English  ▼

X  

PDEB3907U Datasheet(PDF) 5 Page - Potens Semiconductor Corp.

Part # PDEB3907U
Description  30V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB3907U Datasheet(HTML) 5 Page - Potens Semiconductor Corp.

  PDEB3907U Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
5
PDEB3907U
30V P-Channel MOSFETs
D
PIN1
SIDE VIEW
TOP VIEW
BOTTOM VIEW
e
b
D1
1
A1
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
0.800
0.700
0.031
0.028
A1
0.255
0.150
0.010
0.006
D
3.100
2.900
0.122
0.114
E
3.100
2.900
0.122
0.114
D1
2.500
2.300
0.098
0.091
E1
1.850
1.650
0.073
0.065
b
0.400
0.300
0.016
0.012
L
0.500
0.300
0.020
0.012
k
---
0.400
---
0.016
e
0.650BSC
0.026BSC
DFN3x3 PACKAGE INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com