Electronic Components Datasheet Search
  English  ▼

X  

PDEB3907U Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDEB3907U
Description  30V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDEB3907U Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDEB3907U Datasheet HTML 1Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 2Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 3Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 4Page - Potens Semiconductor Corp. PDEB3907U Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.00
1
PDEB3907U
30V P-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current
– Continuous (TC=25
℃)
-30
A
Drain Current
– Continuous (TC=100
℃)
-19
A
IDM
Drain Current
– Pulsed1
-120
A
PD
Power Dissipation (TC=25
℃)
27
W
Power Dissipation
– Derate above 25
℃
0.22
W/
℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
4.6
℃/W
BVDSS
RDSON
ID
-30V
20m
-30A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -30V,-30A, RDS(ON) =20mΩ@VGS = -10V
 Fast switching
 Green Device Available
 Suit for -4.5V Gate Drive Applications
 ESD Protection Embedded
General Description
Features
Applications
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
DFN3x3 Pin Configuration
D
G
S
 MB / VGA / Vcore
 POL Applications
 Load Switch
 LED Application
D
D
D
S
S
S
D
G


Similar Part No. - PDEB3907U

ManufacturerPart #DatasheetDescription
logo
Potens Semiconductor Co...
PDEB39G2BL POTENS-PDEB39G2BL Datasheet
1Mb / 6P
30V N-Channel MOSFETs
Ver.1.01
More results

Similar Description - PDEB3907U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS3907 FS-FDS3907 Datasheet
1Mb / 4P
30V P-Channel MOSFETs
FTK3805 FS-FTK3805 Datasheet
927Kb / 5P
30V P-Channel MOSFETs
FTK3903DFN56 FS-FTK3903DFN56 Datasheet
788Kb / 5P
30V P-Channel MOSFETs
FTK3903Z FS-FTK3903Z Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3905 FS-FTK3905 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911 FS-FTK3911 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3911L FS-FTK3911L Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3959DFN56 FS-FTK3959DFN56 Datasheet
1Mb / 5P
30V P-Channel MOSFETs
FTK3009DFN22 FS-FTK3009DFN22 Datasheet
556Kb / 5P
30V P-Channel MOSFETs
FTK3911T FS-FTK3911T Datasheet
1Mb / 5P
30V P-Channel MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com