Electronic Components Datasheet Search
  English  ▼

X  

288P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 288P
Description  R-C Arc Suppressors ORANGE DROP®, Radial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

288P Datasheet(HTML) 1 Page - Vishay Siliconix

  288P Datasheet HTML 1Page - Vishay Siliconix 288P Datasheet HTML 2Page - Vishay Siliconix 288P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
67
Type 288P
Vishay Sprague
Document Number: 42023
Revision 13-Nov-03
For technical questions, contact spresale@vishay.com
Humidity Test: Condition networks with no voltage applied for 72 hours
at 95% relative humidity and + 75°C. Remove networks from humidity
chamber, wipe surface dry of moisture and dry in circulating air for
4 hours. Measure insulation resistance at + 25°C and rated DC voltage.
The minimum insulation resistance shall be 5000 Megohm after test.
Not more than one failure in 18 units tested shall be permitted.
AC Operation: The maximum permissible AC voltage to which these
networks may be exposed is 250 volts rms. In no case should the sum
of the DC and peak AC voltage applied to a network exceed the rated
DC voltage.
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 40°C to + 85°C.
Insulation Resistance: When measured at
+ 25°C, the insulation resistance shall exceed
10,000 Megohm. Measurements shall be
made after a 2 minute charge at rated DC
voltage.
Tolerance: Standard tolerance is ± 10% for
both the resistor and capacitor.
DIMENSIONS in inches [millimeters]
L
Max.
1.125 [28.575]
Min.
H
Max.
R
0.237
[6.020]
Max.
0.028 [0.711] Dia. (No. 21 AWG)
Tinned Copper Lead
on Resistor Side.
0.032 [0.813] Dia. (No. 20 AWG)
Tinned Copper-Clad Lead
on Opposite Side
S
± 0.062 [1.575]
T
Max.
Contact Arc Suppression reduces field maintenance, premature equipment
failure and RFI. A capacitor connected across the contacts helps in the
solution of these problems but can cause contact welding and reduced
equipment reliability. By adding a resistor in series with the capacitor, these
additional problems are eliminated.
Because of the increased use of R-C combinations for Arc Suppressors and
snubbers, Sprague® provides low cost Type 288P R-C Arc Suppressors in a
single low profile package.
The standard ratings shown have those combinations of resistance and
capacitance values most commonly required for low power applications.
The standard Type 288P R-C Arc Suppressors consist of a metalized
polyester film capacitor in series with a low value 1/2 watt composition resistor.
These units are supplied with radial leads for quick and easy installation.
The outer covering is a tough, conformal coating of epoxy resin for protection
against heat and moisture. The Arc Suppressors are quite similar in appearance
to the Type 225P Orange Drop® polyester film capacitors.
R-C Arc Suppressors
ORANGE DROP®, Radial Lead


Similar Part No. - 288P

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
288P CDE-288P Datasheet
496Kb / 3P
R-C Network Arc Suppressors
288P10494J101 CDE-288P10494J101 Datasheet
496Kb / 3P
R-C Network Arc Suppressors
More results

Similar Description - 288P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
715P12392J VISHAY-715P12392J Datasheet
148Kb / 7P
Polypropylene Film Capacitors ORANGE DROP® , Low Loss
13-Nov-03
225P VISHAY-225P Datasheet
97Kb / 5P
Polyester Capacitors Filmite® “E”, ORANGE DROP®, Radial Lead
19-Feb-07
logo
Socay Electornics Co., ...
K1-076 SOCAY-K1-076 Datasheet
191Kb / 3P
Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
KC-012 SOCAY-KC-012 Datasheet
188Kb / 4P
Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
Radial Lead Transient Voltage Suppressors
logo
Cornell Dubilier Electr...
288P CDE-288P Datasheet
496Kb / 3P
R-C Network Arc Suppressors
logo
Socay Electornics Co., ...
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com