Electronic Components Datasheet Search
  English  ▼

X  

288P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 288P
Description  R-C Arc Suppressors ORANGE DROP®, Radial Lead
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

288P Datasheet(HTML) 2 Page - Vishay Siliconix

  288P Datasheet HTML 1Page - Vishay Siliconix 288P Datasheet HTML 2Page - Vishay Siliconix 288P Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document Number: 42023
Revision 13-Nov-03
www.vishay.com
68
Type 288P
Vishay Sprague
For technical questions, contact spresale@vishay.com
STANDARD RATINGS AND DIMENSIONS in inches [millimeters]
400 VDC
H
(Height)
CAPACITANCE
(
µF)
RESISTANCE*
(
Ω)
0.1
0.1
0.22
0.22
0.47
0.47
PART NUMBER
100
470
100
470
47
100
288P10494J101
288P10494J471
288P22494H101
288P22494H471
288P47494K470
288P47494K101
1.000
[25.400]
1.000
[25.400]
1.125
[28.575]
1.125
[28.575]
1.437
[36.500]
1.437
[36.500]
0.63
[16.00]
0.63
[16.00]
0.59
[14.99]
0.59
[14.99]
0.63
[16.00]
0.63
[16.00]
LEAD
SPACING
0.46
[11.68]
0.46
[11.68]
0.37
[9.40]
0.37
[9.40]
0.41
[10.41]
0.41
[10.41]
0.691
[17.551]
0.691
[17.551]
0.817
[20.752]
0.817
[20.752]
1.129
[28.677]
1.129
[28.677]
T
(Thickness)
L
(Length)
* Standard resistor values are 47, 100 and 470 ohms. Other values are available by request.
ORDERING INFORMATION
(-XXX)
SPECIAL
CONSTRUCTION
288P
TYPE
104
CAPACITANCE
9
TOLERANCE
4
DC VOLTAGE
RATING @ + 85°C
101
RESISTANCE
A three-digit suffix
may be added by
the factory to
denote special
construction.
This is expressed in
ohms. The first two
digits are significant.
The third is the
number of zeros to
follow.
J
CASE
CODE
See Standard
Ratings
This is expressed
in hundreds of
volts.
Example: 288P
R5 = 50 volts.
This is expressed in
picofarads. The first two
digits are significant. The
third is the number of
zeros to follow. Values
must conform to decade
rating for the tolerance
specified.
9 = ± 10%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com