Electronic Components Datasheet Search
  English  ▼

X  

TS391LT Datasheet(PDF) 1 Page - Chip Quik Inc.

Part # TS391LT
Description  Thermally Stable Solder Paste No-Clean Sn42/Bi57.6/Ag0.4 T4 (15g Syringe)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPQUIK [Chip Quik Inc.]
Direct Link  https://www.chipquik.com/
Logo CHIPQUIK - Chip Quik Inc.

TS391LT Datasheet(HTML) 1 Page - Chip Quik Inc.

  TS391LT Datasheet HTML 1Page - Chip Quik Inc. TS391LT Datasheet HTML 2Page - Chip Quik Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.1
www.chipquik.com
Thermally Stable Solder Paste No-Clean Sn42/Bi57.6/Ag0.4 T4 (15g Syringe)
Product Highlights
Revolutionary Formula: No Refrigeration Required!
Printing speeds up to 125mm/sec
Long stencil life
Wide process window
Clear residue
Low voiding
Excellent wetting compatibility on most board finishes
Dispense grade
Compatible with enclosed print heads
RoHS II and REACH compliant
Specifications
Alloy:
Sn42/Bi57.6/Ag0.4
Mesh Size:
T4
Micron (µm) Range:
20-38
Flux Type:
Synthetic No-Clean
Flux Classification:
ROL0
Metal Load:
87% Metal by Weight
Melting Point:
138°C (281°F)
Packaging:
5cc/15g Syringe
Shelf Life:
Refrigerated >12 months, Unrefrigerated >12 months *See notes below:
*Shelf Life Notes: Chip Quik® solder paste is good past its quoted shelf life, regardless of refrigeration. Before use, visually
inspect the solder paste to ensure it is not dried out or clumpy, or check stencil release. If stored in a jar, stir the product
thoroughly for 2-3 minutes before inspection and use.
Chip Quik® solder paste is manufactured using Made in USA high quality synthetic flux and precision atomized metal
powder. Chip Quik® solder paste is guaranteed for 12 months from date of manufacture, regardless of refrigeration. If you
have any issues with our solder paste, please contact Chip Quik® directly for no charge warranty replacement. Please retain
original bill of sale, and solder paste in original container as we may request its return for internal R&D testing purposes.
Printer Operation
Print Speed: 25-125mm/sec
Squeegee Pressure: 70-250g/cm of blade
Under Stencil Wipe: Once every 10-25 prints, or as necessary
Stencil Life
>12 hours @ 20-50% RH 22-28°C (72-82°F)
>4 hours @ 50-70% RH 22-28°C (72-82°F)
Stencil Cleaning
Automated stencil cleaning systems for both stencil and misprinted boards. Manual cleaning using isopropyl alcohol (IPA).
Storage and Handling
Store at room temperature 20-25°C (68-77°F). Do not freeze. Chip Quik Thermally Stable solder paste should be stored at its
operating temperature (room temperature) of 20-25°C (68-77°F), therefore no warming time is required before use.
Transportation
This product has no shipping restrictions. Shipping below 0°C (32°F) or above 25°C (77°F) for normal transit times by ground
or air will not impact this product’s stated shelf life.
1
© 1994-2019 Chip Quik® Inc.
T
TS
S3
39
91
1L
LT
T


Similar Part No. - TS391LT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TS391L-AF5-R UTC-TS391L-AF5-R Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391L-AF5-R UTC-TS391L-AF5-R Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391L-AL5-R UTC-TS391L-AL5-R Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391L-AL5-R UTC-TS391L-AL5-R Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
More results

Similar Description - TS391LT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF-6522 ETC2-TSF-6522 Datasheet
29Kb / 3P
No-Clean Tacky Soldering Flux
CW8500 ETC2-CW8500 Datasheet
55Kb / 2P
CircuitWorks No-Clean Tacky Flux
logo
Cree, Inc
450TR5050M-S18000 CREE-450TR5050M-S18000 Datasheet
375Kb / 5P
High-Reliability Eutectic, Solder Paste or Preforms
logo
List of Unclassifed Man...
22460 ETC2-22460 Datasheet
210Kb / 3P
Lead-Free No Clean Solder Paste
23-6337-8806 ETC2-23-6337-8806 Datasheet
50Kb / 2P
No-Clean Cored Wire
logo
Ledil, Inc.
F14620 LEDIL-F14620 Datasheet
9Mb / 17P
~50째 medium beam. Clean appearance with no additional attachment interface.
F14622 LEDIL-F14622 Datasheet
7Mb / 15P
~60째 wide beam. Clean appearance with no additional attachment interface.
logo
List of Unclassifed Man...
RMA-218 ETC2-RMA-218 Datasheet
135Kb / 1P
Solder paste (flux) KINBO RMA-218 10g
M705-GRN360-MZ ETC-M705-GRN360-MZ Datasheet
835Kb / 12P
High-Reliability, High-Preheat Resistance Lead-Free Solder Paste
May..2006
M705-GRN360-K1-V ETC-M705-GRN360-K1-V Datasheet
397Kb / 9P
High-Reliability Lead-Free Solder Paste
July.2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com