Electronic Components Datasheet Search
  English  ▼

X  

B7683 Datasheet(PDF) 4 Page - EPCOS

Part # B7683
Description  SAW Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7683 Datasheet(HTML) 4 Page - EPCOS

  B7683 Datasheet HTML 1Page - EPCOS B7683 Datasheet HTML 2Page - EPCOS B7683 Datasheet HTML 3Page - EPCOS B7683 Datasheet HTML 4Page - EPCOS B7683 Datasheet HTML 5Page - EPCOS B7683 Datasheet HTML 6Page - EPCOS B7683 Datasheet HTML 7Page - EPCOS B7683 Datasheet HTML 8Page - EPCOS B7683 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
February 05, 2008
B7683
836.50 / 881.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characterisitcs TX - ANT
min.
typ.
@ 25 ˚C
max.
Attenuation
α
0.3
...
779.0
MHz
30
35
dB
779.0
...
804.0
MHz
30
40
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
1)
1) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (7).
45
48
dB
1550.0
... 1600.0
MHz
35
48
dB
1648.0
... 1698.0
MHz
30
54
dB
2400.0
... 2547.0
MHz
25
33
dB
2547.0
... 4120.0
MHz
10
18
dB
4120.0
... 4245.0
MHz
15
25
dB
4245.0
... 5150.0
MHz
10
13
dB
5150.0
... 5825.0
MHz
8
11
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com