Electronic Components Datasheet Search
  English  ▼

X  

B7683 Datasheet(PDF) 5 Page - EPCOS

Part # B7683
Description  SAW Components
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7683 Datasheet(HTML) 5 Page - EPCOS

  B7683 Datasheet HTML 1Page - EPCOS B7683 Datasheet HTML 2Page - EPCOS B7683 Datasheet HTML 3Page - EPCOS B7683 Datasheet HTML 4Page - EPCOS B7683 Datasheet HTML 5Page - EPCOS B7683 Datasheet HTML 6Page - EPCOS B7683 Datasheet HTML 7Page - EPCOS B7683 Datasheet HTML 8Page - EPCOS B7683 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
February 05, 2008
B7683
836.50 / 881.50 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
Antenna terminating impedance:
ZANT=50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characterisitcs ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
881.5
MHz
Maximum insertion attenuation
869.0
...
894.0
MHz
α
max
1.9
2.71)
1) 3.0 dB for T = -25 ... -15
˚C and T = +80 ... +85 ˚C.
dB
@fCarrier 871.4 ...
891.6
MHz
α
WCDMA
2)
2) Attenuation of WCDMA signal (“Powertransferfunction”). Please refer to annotation on page (7).
1.8
2.5
dB
Amplitude ripple (p-p)
869.0
...
894.0
MHz
∆α
0.6
1.3
dB
@fCarrier 871.4 ...
891.6
MHz
∆α
WCDMA
0.5
1.0
dB
Common mode rejection ratio CMRR
869.0
...
894.0
MHz
23
28
dB
Error Vector Magnitude
@fCarrier 871.4 ...
891.6
MHz EVM3)
3) Error Vector Magnitude (EVM) based on definition given in 3GPP TS 25.141.
1.7
2.5
%
Input VSWR (ANT port)
869.0
...
894.0
MHz
1.5
1.8
Output VSWR (RX port)
869.0
...
894.0
MHz
1.8
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com