Electronic Components Datasheet Search
  English  ▼

X  

B32232 Datasheet(PDF) 7 Page - EPCOS

Part # B32232
Description  Metallized Polyester Film Capacitors (MKT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32232 Datasheet(HTML) 7 Page - EPCOS

  B32232 Datasheet HTML 1Page - EPCOS B32232 Datasheet HTML 2Page - EPCOS B32232 Datasheet HTML 3Page - EPCOS B32232 Datasheet HTML 4Page - EPCOS B32232 Datasheet HTML 5Page - EPCOS B32232 Datasheet HTML 6Page - EPCOS B32232 Datasheet HTML 7Page - EPCOS B32232 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Pulse handling capability
"dV/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal
voltages, expressed in V/
µs.
"k0" represents the maximum permissible pulse characteristic of the waveform applied to the
capacitor, expressed in V2/
µs.
Note:
The values of dV/dt and k0 provided below must not be exceeded in order to avoid damaging the
capacitor.
dV/dt values
Lenght of capacitor
14 mm
19 mm
27 mm
32 mm
42 mm
VR
Vrms
VDC
VAC
dV/dt in V/
µs
100
63
6
3
2
1.5
250
160
10
5
3
2.5
2
400
200
7
4
3
630
200
10
7
5
k0 values
Lenght of capacitor
14 mm
19 mm
27 mm
32 mm
42 mm
VR
Vrms
VDC
VAC
k0 in V2/
µs
100
63
1 200
600
400
300
250
160
5 000
2 500
1 500
1 250
1 000
400
200
5 600
3 200
2 400
630
200
12 500
8 800
6 300
B32232
General purpose (wound)
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com