Electronic Components Datasheet Search
  English  ▼

X  

B32232 Datasheet(PDF) 5 Page - EPCOS

Part # B32232
Description  Metallized Polyester Film Capacitors (MKT)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32232 Datasheet(HTML) 5 Page - EPCOS

  B32232 Datasheet HTML 1Page - EPCOS B32232 Datasheet HTML 2Page - EPCOS B32232 Datasheet HTML 3Page - EPCOS B32232 Datasheet HTML 4Page - EPCOS B32232 Datasheet HTML 5Page - EPCOS B32232 Datasheet HTML 6Page - EPCOS B32232 Datasheet HTML 7Page - EPCOS B32232 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ordering codes and packing units
VR
VDC
Vrms
f
≤60 Hz
VAC
CR
µF
Max. dimensions
d
× l
mm
Ordering code
(composition see
below)
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
189 = Reel
000 = Untaped
630
200
0.033
6.5
× 19.0
B32232A8333+***
1000
500
0.047
7.5
× 19.0
B32232A8473+***
1000
500
0.068
8.5
× 19.0
B32232A8683+***
1000
500
0.10
10.5
× 19.0
B32232A8104+***
500
500
0.15
10.0
× 27.0
B32232A8154+***
500
500
0.22
11.5
× 27.0
B32232A8224+***
500
500
0.33
13.5
× 27.0
B32232A8334+***
500
500
0.47
14.5
× 32.0
B32232A8474+000
500
0.68
15.0
× 32.0
B32232A8684+000
500
1.0
16.0
× 32.0
B32232A8105+000
500
B32232
General purpose (wound)
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com