Electronic Components Datasheet Search
  English  ▼

X  

PDF02N150 Datasheet(PDF) 1 Page - Potens Semiconductor Corp.

Part # PDF02N150
Description  1500V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.

PDF02N150 Datasheet(HTML) 1 Page - Potens Semiconductor Corp.

  PDF02N150 Datasheet HTML 1Page - Potens Semiconductor Corp. PDF02N150 Datasheet HTML 2Page - Potens Semiconductor Corp. PDF02N150 Datasheet HTML 3Page - Potens Semiconductor Corp. PDF02N150 Datasheet HTML 4Page - Potens Semiconductor Corp. PDF02N150 Datasheet HTML 5Page - Potens Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Potens semiconductor corp.
Ver.1.01
1
PDF02N150
1500V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
1500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current
– Continuous (TC=25℃)
2.5
A
Drain Current
– Continuous (TC=100℃)
1.6
A
IDM
Drain Current
– Pulsed1
10
A
EAS
Single Pulse Avalanche Energy2
36.5
mJ
IAS
Single Pulse Avalanche Current2
2.7
A
PD
Power Dissipation (TC=25℃)
100
W
Power Dissipation
– Derate above 25℃
0.8
W/℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
BVDSS
RDSON
ID
1500V
10
2.5A
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
1.25
℃/W
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 1500V,2.5A, RDS(ON) =10
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Applications
Absolute Maximum Ratings Tc=25℃ unless otherwise noted
Thermal Characteristics
TO220F Pin Configuration
D
G
S
G
 Networking
 Load Switch
 LED applications
 Quick Charger
D
S


Similar Part No. - PDF02N150

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDF016T POWERDYNAMICS-PDF016T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PDF032T POWERDYNAMICS-PDF032T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
PDF050T POWERDYNAMICS-PDF050T Datasheet
378Kb / 2P
3-PHASE, CHASSIS MOUNT WITH TERMINAL BLOCK EMI/RFI LINE FILTER.
logo
Potens Semiconductor Co...
PDF0903 POTENS-PDF0903 Datasheet
717Kb / 5P
100V P-Channel MOSFETs
Ver.1.03
PDF0904 POTENS-PDF0904 Datasheet
782Kb / 5P
100V N-Channel MOSFETs
Ver.1.00
More results

Similar Description - PDF02N150

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Hi-Sincerity Mocroelect...
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
N-Channel MOSFETs
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
N-Channel MOSFETs
logo
Samsung semiconductor
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com