Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6000 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TMS320C6000
Description  Interface with synchronous dynamic memories
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMS320C6000 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TMS320C6000 Datasheet HTML 9Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 10Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 11Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 12Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 13Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 14Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 15Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 16Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
25
Ingeniería Electrónica
Sistemas Electrónicos Digitales Avanzados
REAL WAVEFORMS: WRITE ACCESS
Outputs:
Delay time max: 7 ns
ARDY test:
Setup time min: 3 ns
Hold time min: 2.3 ns
Setup = 2
Strobe = 3
Not Ready
Hold = 2
BE
Address
Write Data
10
10
9
8
9
8
9
8
9
8
7
7
6
6
ECLKOUT
CEx
EA[21:2]
ED[31:0]
BE[3:0]
ARDY
AOE/SDRAS/SSOE
ARE/SDCAS/SSADS
AWE/SDWE/SSWE
26
Ingeniería Electrónica
Sistemas Electrónicos Digitales Avanzados
PROGRAMMABLE PARAMETERS
All of then are expressed as T
ECLKOUT units:
SETUP
≥ 1
(0 is treated as 1)
STROBE
≥ 1
(0 is treated as 1)
HOLD
≥ 0
TURNAROUND
≥ 0
T
ECLKOUT depends on system design:
For DSK6713: T
ECLKOUT= 50 MHz => TECLKOUT = 20 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com