Electronic Components Datasheet Search
  English  ▼

X  

TMS320C6000 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # TMS320C6000
Description  Interface with synchronous dynamic memories
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TMS320C6000 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button TMS320C6000 Datasheet HTML 35Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 36Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 37Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 38Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 39Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 40Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 41Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 42Page - List of Unclassifed Manufacturers TMS320C6000 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
77
Ingeniería Electrónica
Sistemas Electrónicos Digitales Avanzados
EMIF Case Study
PIPELINED SYNCHRONOUS SRAMs
SA0,SA1,SA
DQ[31:0]
CLK
ADV
MODE
ADSP
ADSC
BW[3:0]
BWE
GW
CE
CE2
CE2
OE
Address bus
SA0, SA1, SA
Data bus
DQ[31:0]
Burst control
#ADSP, #ADSC
#ADV, MODE
Write control
#BW[3:0], #BWE
#GW
Chip enable
/CE, CE2, /CE2
Output enable
/OE
CLK.
FEATURES:
Burst access.
One cycle Deselect for READ access.
MT58128L32P1
128Kx32 225 MHz
78
Ingeniería Electrónica
Sistemas Electrónicos Digitales Avanzados
EMIF Case Study
It allows the automatic generation of the next address.
Linear or interleaved increment.
It automatically rolls over to 00 from 11.
if address 0111b were issued in burst mode, the subsequent
access would be to 0100b. => Error!
PIPELINED SYNCRONOUS SRAM: BURST MODE
Address
Clk
2-bit Counter
Address
Latch
ADV
Mode
Upper
Address
bits
Lower
2 Address
bits
2
2
A0
A1
CLK
=
First
Address
Second
Address
Third
Address
Fourth
Address
ADV=0
CLK
=
ADV=0
CLK
=
ADV=0
CLK
=
PIPELINED SYNCHRONOUS SRAMs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com