Electronic Components Datasheet Search
  English  ▼

X  

MSS1506 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSS1506
Description  VOICE ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1506 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSS1506 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MOSEL VITELIC
MSS1506
PID216C 12/93
2
Absolute Maximum Rating
C
Symbol
T (Operating)
T (Storage)
DD
V
~ VSS
V
(TG)
IN
V
(STS)
OUT
Rating
-0.5 ~ +7.0
-10 ~ +60
-55 ~ +125
V
-0.3 < V
< V
+0.3
SS
IN
DD
V
<V
< V
OUT
SS
DD
Unit
V
V
V
C
Pad Description
Pad No.
Signal Name
Function
1
2
3
4
5
6
7
8
V DD
OSC
V
V
VSS
OUT2
OUT1
Positive power supply
Oscillator input
Audio signal voltage output (for buzzer)
Negative power supply
Audio signal voltage output (for buzzer)
TG5
TG4
TG3
TG2
TG1
TG0
9
10
11
12
13
14
15
16
17
18
PWR
BUSY
NC
C
E2, TG7
E1, TG6
OUT
Audio signal current output (for speaker)
Active high for non-power down, Internal pull low
Busy signal output, active high
No connection (RT,TT);Trigger 7, active low( SA);
Enable 2, active low (CPU)
No connection (RT, TT); Trigger 1 ~ 5, active low
(SA); address 1 ~ 5, high true (CPU)
Trigger 0, active low (RT TT, SA);
address 0 high true (CPU)
NC
No connection (RT,TT);Trigger 6, active low (SA);
Enable 1, active high (CPU)
I/O
Power
I
I
O
O
O
O
Power
NC/I
I
NC/I
NC/I
NC/I
NC/I
NC/I
NC/I
AC Characteristics
Timing
T
T
Trigger pulse width
Min.
Typ.
10
TW
Write Enable pulse width
300
TH
Trigger address hold time
80
Max.
Unit.
ms
ns
ns
TP
Power rise up time
TR
Power Ripple width
ms
ms
Parameter
1
1
all input pins
all output pins



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com