Electronic Components Datasheet Search
  English  ▼

X  

MSS1506 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # MSS1506
Description  VOICE ROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS1506 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

  MSS1506 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 7Page - Mosel Vitelic, Corp MSS1506 Datasheet HTML 8Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MOSEL VITELIC
VCC
VSS
TG0
TG1
TG2
TG3
TG4
TG5
TG6
TG7
OSC
R1
VOUT1
VOUT2
VCC
VSS
TG0
TG1
TG2
TG3
TG4
TG5
TG6
TG7
OSC
R1
VOUT1
VOUT2
PIEZO
BUZZER
MSS1506
VCC
VSS
OSC
R1
VOUT1
VCC
VSS
OSC
R1
VOUT1
BUSY
TG
TG
C1
VOUT2
VOUT2
PIEZO
BUZZER
7
R2
T
S
VCC
VSS
OSC
R1
COUT
VCC
VSS
OSC
R1
COUT
BUSY
TG
TG
C1
3.Cascade Application
(Could extend length to desired length in serial arrangement)
Note: 1. R1 = 1.2 M
Ω, C1 = 0.1 µf, T(transistor) = ß > 150, R2 =open, S(speaker) = 1/4 w, 8 Ω; all typical.
2. Piezo buzzer resonant frequency being around 1K Hz in recommended.
3. Input switch could be replaced by CDS.
4. Cout,Vout1,Vout2 are tristate during stand by state.
5. Both cascade and parallel application are applied in CPU mode.
PID216C 12/93
R2 = open is better.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com