Electronic Components Datasheet Search
  English  ▼

X  

OSTW Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # OSTW
Description  Most Popular Standard Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

OSTW Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  OSTW Datasheet HTML 1Page - Omega Engineering, Inc. OSTW Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G-11
Most Popular Standard
Connectors
Glass Filled Nylon Range -29 to 180°C (-20 to 356°F)
Liquid Crystal Polymer Range -29 to 260°C (-20 to 500°F)
OSTW — Glass-Filled Nylon -29 to 180°C
HSTW — Cadmium Free Liquid
Crystal Polymer -29 to 260°C
Shown smaller than actual size
OSTW
-29 to 180°C
HSTW
-29 to 260°C
2.5 DIA.
3.96
4.77
11.11
11.90
33.33
15.06
12.7
(0.50)
(0.59)
(1.31)
(0.10)
(0.47)
(0.16)
(0.19)
(0.44)
Dimensions: mm (inch)
FRONT & REAR VIEW OF FEMALE
MALE AND FEMALE HAVE
THE SAME BODY DIMENSIONS
8.0 (0.31)
25.4 (1.0)
11.1 (0.44)
12.7
(0.5)
5.5 (0.22'') WIRE ACCESS
HOLE
Tapered point
male contacts.
U
Universal Female “Fits All” Design
U
Hollow-Pin Construction
U
Color-Coding for ANSI or IEC
U
Captive Cover Screws
U
Accepts Stranded or Solid Wire
up to Size 14 AWG
U
Quick Connect Contact Washers
U
Internal Wire Divider
U
Write-On Window
U
Combination Phillips/Slot Screws
Shown larger
than actual size.
Removable/
reversible
write-on window
at no extra charge
Silicon strain
relief grommet
at no extra charge.
OSTW/HSTW
Transmitters and Ferrite Cores for EMI Protection
Also Available!
PCLM-FT
cable clamp
with ferrite core
for EMI protection.
Connector sold
separately.
STCTX built-in 4 to 20 mA
transmitter.
Patented
Universal
Female
Connector
Universal
Female
Connector
Solid Pin
Connectors
available
Shown
actual size.
We make running
changes when technical
advances allow. Check
at time of ordering for
additional features.
Note: Minor discoloration of connector may occur
between 150°C (302°F) and 180°C (356°F).
Electrical properties are not affected. OSTW only.


Similar Part No. - OSTW

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSTW5050C1A OPTOSUPPLY-OSTW5050C1A Datasheet
240Kb / 4P
5x5x1.5mm intelligent control rgb led
More results

Similar Description - OSTW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877ATF WINBOND-W83877ATF Datasheet
1Mb / 47P
enhanced version from Winbonds most popular I/O chip W83877F
W83627EHF WINBOND-W83627EHF Datasheet
948Kb / 141P
evolving product from Winbonds most popular I/O family
logo
Vectron International, ...
VXA1 VECTRON-VXA1 Datasheet
52Kb / 2P
crystals offers the most popular crystal package for computer and peripherals
logo
Mitsumi Electronics, Co...
ML-940 MITSUMI-ML-940 Datasheet
74Kb / 2P
MOST Connectors
logo
Advanced Crystal Techno...
ACTHC49-US-SMX ACT-ACTHC49-US-SMX Datasheet
114Kb / 1P
most cost effective and popular surface mount crystals
14/12/06
ACT_HC49_US_SMX ACT-ACT_HC49_US_SMX Datasheet
186Kb / 3P
one of the most cost effective and popular surface mount crystals available
21-06-2012
ACT_HC49_US_SMX_CUSTOM ACT-ACT_HC49_US_SMX_CUSTOM Datasheet
328Kb / 2P
one of the most cost effective and popular surface mount crystals available.
29/06/11
logo
Picker Components
PCT90XL PICKER-PCT90XL Datasheet
544Kb / 3P
Most Popular Power PCB Relay
PCT91XL PICKER-PCT91XL Datasheet
574Kb / 3P
Most Popular Power PCB Relay
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
The first & most popular patented high-performance design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com