Electronic Components Datasheet Search
  English  ▼

X  

OSTW Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # OSTW
Description  Most Popular Standard Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

OSTW Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  OSTW Datasheet HTML 1Page - Omega Engineering, Inc. OSTW Datasheet HTML 2Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G-12
G
To order solid pin male connectors add suffix
“-S” to the model number for additional cost. * Solid pin only.
† J, K, T, E, R, S and B are ANSI designations. OMEGALLOY® (OMEGA-P® & OMEGA-N®) is generically known as Nicrosil-Nisil.
ANSI color coded models shown.
Note: Type U (uncompensated) connectors are used with Type B thermocouples (Pt/6%Rh-Pt/30%Rh).
1-10 ....................................
Net
11-49 ...................................
5%
50-99 .................................
10%
100-999 .............................
15%
1000-4999 .........................
20%
5000 and over....................
25%
Discount Schedule
Internal wire divider
Quick connect contact washers.
additional washers available,
order CW-OST-20, pkg of 20,
or CW-OST-100, pkg of 100.
Additional write-on windows
available, order WCP-L, pkg of 5.
Captive cover
screws at no
extra charge.
Silicon strain relief grommet at
no extra charge. Additional
grommets, order
SR-OST-10, pk of 10,
SR-OST-100, pk of 100
Removable/reversible write-on
window at no extra charge.
Silicon strain relief grommet
at no extra charge.
To Order
-29 to 180°C (-20 to 356°F)
-29 to 260°C (-20 to 500°F)
Compensating Alloy
ANSI
Glass-Filled Nylon
Liquid Crystal Polymer
Alloy
Used in Connector
Color
Model Number
Model Number
Code†
+
—
Code
Male
Uni-Female
Male*
Uni-Female
Chromega®
alomega®
Yellow
OSTW-K-M
OSTW-K-F
HSTW-K-M-S HSTW-K-F
Copper
Constantan
Blue
OSTW-T-M
OSTW-T-F
HSTW-T-M-S
HSTW-T-F
Iron
Constantan
Black
OSTW-J-M
OSTW-J-F
HSTW-J-M-S HSTW-J-F
Chromega®
Constantan
Purple
OSTW-E-M
OSTW-E-F
HSTW-E-M-S HSTW-E-F
Copper
rNX/SNX
green
OSTW-R/S-M OSTW-R/S-F HSTW-R/S-M-S HSTW-R/S-F
CPX
CNX
red
OSTW-C-M-S*
—
HSTW-C-M-S
—
Copper
Copper
White
OSTW-U-M
OSTW-U-F
HSTW-U-M-S HSTW-U-F
omega-P®
omega-N®
orange
OSTW-N-M
OSTW-N-F
HSTW-N-M-S HSTW-N-F
For OMeGa’s
Selection of Connector
accessories
Visit Us Online
Universal
Female
Mates with Standard
or
Miniature
thermocouple
Connectors
the OStW
and
High-temperature
HStW
Feature OM
eGa’s Universal
Female Connector
design Which
accepts Both
Standard
and
Miniature
Sized Male
Pins–
an OMeG
a Manufactured
Innovation
U



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com