Electronic Components Datasheet Search
  English  ▼

X  

TFS140AL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TFS140AL
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFS140AL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TFS140AL Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 140al.doc
Version 1.4
15.07.2005
VI TELEFILTER
Filter specification
TFS 140AL
2/5
Filter characteristic
91
100.8
110.6
120.4
130.2
140
149.8
159.6
169.4
179.2
189
-70
-63
-56
-49
-42
-35
-28
-21
-14
-7
0
frequency in MHz
135
136
137
138
139
140
141
142
143
144
145
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
135
136
137
138
139
140
141
142
143
144
145
2.96
3.05
3.14
3.23
3.32
3.41
3.5
3.59
3.68
3.77
3.86
frequency in MHz
Construction and pin connection
(All dimensions in mm)
Date code
50 Ohm Test circuit
alternative:
C1
L1
SAW
L2
C2
2
14
1, 4, 9, 10, 11, 12, 13, 16, 21, 22,
23, 24
3
15
C1
L1
SAW
L2
C2
3
14
1, 4, 9, 10, 11, 12, 13, 16, 21, 22,
23, 24
15
2
Date code: Year + week
T
2005
U
2006
V
2007
...
1
Ground
2
Input RF Return
3
Input
4
Ground
9,10,11,12
Ground
13
Ground
14
Output RF Return
15
Output
16
Ground
21,22,23,24 Ground
TFS 140AL
●
T25
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com