Electronic Components Datasheet Search
  English  ▼

X  

TFS140AL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TFS140AL
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFS140AL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TFS140AL Datasheet HTML 1Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 2Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 3Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 4Page - List of Unclassifed Manufacturers TFS140AL Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 140al.doc
Version 1.4
15.07.2005
VI TELEFILTER
Filter specification
TFS 140AL
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
212 Ω || -11,9 pF
Output:
1620 Ω || - 4,0 pF
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 140AL is the minimum of the pass band attenuation amin. The minimum of the pass band
attenuation amin is defined as the insertion loss ae. The center frequence fc is the arithmetic mean value of the upper and lower frequencies at the 32
dB
filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the centre frequency fc and the
frequency response of the filter in the operating temperature range.
D a t a
typ. value
tolerance / limit
Insertion loss
(Reference level)
ae
30
dB
max.
35
dB
Centre frequency
at ambient temperature :
fc
140,01
MHz
140,0 ± 0,05
MHz
Pass band
at ambient temperature
PB
fC ... fC ± 4,48
MHz
Amplitude ripple
in PB (p-p):
0,4
dB
max.
0,8
dB
Bandwidth
at ambient temperature:
0,8 dB
9,27
MHz
min.
8,96
MHz
2
dB
9,40
MHz
min.
9,29
MHz
3
dB
9,47
MHz
min.
9,33
MHz
32
dB
10,01
MHz
max.
10,08
MHz
Relative attenuation
arel
fC
... fC ±
4,48
MHz
0,4
dB
max.
0,8
dB
fC ±
4,48
MHz ... fC ±
4,64
MHz
1
dB
max.
2
dB
fC ±
4,64
MHz ... fC ±
4,66
MHz
1,5
dB
max.
3
dB
fC ±
5,04
MHz ... fC ±
6,00
MHz
34
dB
min.
32
dB
fC ±
6,00
MHz ... fC ±
8,17
MHz
42
dB
min.
39
dB
In the frequency range fc ± 6,00 MHz ... fc ± 8,17 MHz the type of the LIMIT LINE is a SLOPING LINE (SL).
fC ±
8,17
MHz ... fC ± 14,5
MHz
48
dB
min.
45
dB
fC ± 14,5
MHz ... fC ± 100
MHz
55
dB
min.
50
dB
Group delay
( mean value in pass band ):
3,03
µs
max.
5,36
µs
Group delay
ripple in pass band (p-p):
45
ns
max. 120
ns
Operating temperature range
-
- 25
°C ... + 75 °C
Storage temperature range
-
- 40
°C ... + 85 °C
Temperature coefficient of frequency
TCf **)
- 0,04
ppm/K
2
-
Frequency inversion temperature
T0
10
°C
-
Input power level
-
max. +10
dBm
* ) The terminating impedances depends on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆f(Hz) = TCf(ppm/K²) x (T-T0)² x fTo(MHz)
generated:
checked / approved:
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS140AL

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS140AL VECTRON-TFS140AL Datasheet
149Kb / 5P
Filter specification
More results

Similar Description - TFS140AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com