Electronic Components Datasheet Search
  English  ▼

X  

8129113 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8129113
Description  Analogue input module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129113 Datasheet(HTML) 1 Page - Festo Corporation.

  8129113 Datasheet HTML 1Page - Festo Corporation. 8129113 Datasheet HTML 2Page - Festo Corporation. 8129113 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Analogue input module
CPX-AP-A-4AI-U-I-RTD-M12
Part number: 8129113
General operating condition
Data sheet
Feature
Value
Dimensions W x L x H
50.1 mm x 107.3 mm x 57.5 mm
Width dimension
50.1 mm
Type of mounting
Screwed tightly
Product weight
121 g
Mounting position
Any
Ambient temperature
-20 °C ... 50 °C
Note on ambient temperature
Observe ambient temperature derating according to IEC 61131-2:2017
Storage temperature
-20 °C ... 70 °C
Relative air humidity
5 - 95 %
Non-condensing
Nominal altitude of use above sea level
<= 2000 m ASL (> 79.5 kPa)
Max. installation height
3500 m
Information on max. installation height
Observe ambient temperature derating according to IEC 61131-2:2017
Corrosion resistance class (CRC)
1 - Low corrosion stress
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Note on vibration resistance
SG1 on H-rail
SG2 on direct mounting
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Note on shock resistance
30 g/11 ms as per EN 60068-2-27
SG1 on H-rail
SG2 on direct mounting
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Protection class
III
Contamination level
2
Overvoltage category
II
Max. cable length
30 m inputs
LABS (PWIS) conformity
VDMA24364-B2-L
Material fire test
UL94 V-0 (housing)
Note on materials
RoHS-compliant
Halogen-free
Free of phosphoric acid ester
Cover material
PBT-reinforced
Material of screws
Steel, nickel-plated
Threaded sleeve material
High-alloy stainless steel
O-ring material
FPM
3/17/26 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8129113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8129110 FESTO-8129110 Datasheet
91Kb / 2P
Digital output module
8129111 FESTO-8129111 Datasheet
95Kb / 3P
Digital input/output module
8129112 FESTO-8129112 Datasheet
91Kb / 2P
Digital input module
8129114 FESTO-8129114 Datasheet
93Kb / 3P
IO-Link master
More results

Similar Description - 8129113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8086606 FESTO-8086606 Datasheet
91Kb / 2P
Analogue input module
4080493 FESTO-4080493 Datasheet
74Kb / 2P
Analogue input module
526168 FESTO-526168 Datasheet
90Kb / 2P
Analogue module
526170 FESTO-526170 Datasheet
92Kb / 2P
Analogue module
541484 FESTO-541484 Datasheet
88Kb / 1P
Analogue module
541486 FESTO-541486 Datasheet
89Kb / 2P
Analogue module
553594 FESTO-553594 Datasheet
89Kb / 2P
Analogue module
560361 FESTO-560361 Datasheet
90Kb / 2P
Analogue module
560362 FESTO-560362 Datasheet
112Kb / 2P
Analogue module
573710 FESTO-573710 Datasheet
89Kb / 2P
Analogue module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com