Electronic Components Datasheet Search
  English  ▼

X  

8129113 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8129113
Description  Analogue input module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8129113 Datasheet(HTML) 2 Page - Festo Corporation.

  8129113 Datasheet HTML 1Page - Festo Corporation. 8129113 Datasheet HTML 2Page - Festo Corporation. 8129113 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Diagnostics via LED
Diagnostics per module
Status per channel
Diagnose per internal communication
Wire break
Communication error
Short circuit/overload
Parameter error
Parameterization error
Overload at analog inputs
Upper limit value violated
Electronics/sensors overvoltage
Underflow/overflow
Lower limit value not complied with
Electronics/sensors undervoltage
Max. address capacity inputs
8 byte
Channel parameters
Measured value smoothing
Signal range
Lower/upper limit
Activation of linear scaling
Unit for temperature measurement
Hysteresis for monitoring measured values
Communication interface, protocol
AP
Note regarding operating voltage
SELV/PELV fixed power supplies required
Note voltage drop
Note on nominal operating voltage DC
Protected Extra-Low-Voltage as per IEC 60204-1
Nominal operating voltage DC for electronics/sensors
24 V
Permissible voltage fluctuations for electronics/sensors
± 25 %
Intrinsic current consumption at nominal operating voltage for
electronics/sensors
Typically 34 mA
Power failure buffering
10 ms
Reverse polarity protection
yes
Electrical connection input, function
Analog input
Electrical connection input, connection type
4x socket
Electrical input connection, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical connection, input, number of pins/wires
5
Electrical connection for input, connection pattern
00995384
No. of inputs
4
Behavior after end of overload of the sensor supply
Automatic return
Fuse protection inputs (short circuit)
Internal electronic fuse per module
Max. residual current of inputs per module
1 A
Electrical isolation of inputs between channels
no
Digital inputs, electrical isolation of input - internal communication
yes
Measured variable
Voltage
Current
Temperature
Resistor
Note on the measured variable
Temperature: PT100 and NI100 supported
Data format
15 bit + sign
Linear scaling
Signal range
-10 - 10 V
-5 - 5 V
0 - 10 V
1 - 5 V
0 - 20 mA
4 - 20 mA
0 - 500 Ω
Repetition accuracy
±0.025 % at 25 °C
Basic error limit at 25°C
±0.1 % for voltage
±0.1 % for electrical current
±0.4 % for temperature
±0.2 % for resistor
3/17/26 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com