Electronic Components Datasheet Search
  English  ▼

X  

TAS5706 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5706 Datasheet HTML 5Page - Texas Instruments TAS5706 Datasheet HTML 6Page - Texas Instruments TAS5706 Datasheet HTML 7Page - Texas Instruments TAS5706 Datasheet HTML 8Page - Texas Instruments TAS5706 Datasheet HTML 9Page - Texas Instruments TAS5706 Datasheet HTML 10Page - Texas Instruments TAS5706 Datasheet HTML 11Page - Texas Instruments TAS5706 Datasheet HTML 12Page - Texas Instruments TAS5706 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
www.ti.com
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
PWM OPERATION AT RECOMMENDED OPERATING CONDITIONS
PLL INPUT PARAMETERS AND EXTERNAL FILTER COMPONENTS
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
TA = 25°C
TA = 45°C
TA = 70°C
PACKAGE(1)
DERATING FACTOR
POWER RATING
POWER RATING
POWER RATING
10-mm
× 10-mm QFP
29 mW/
°C
2.89 W
2.31 W
1.59 W
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Digital/analog supply voltage
DVDD
3
3.3
3.6
V
Half-bridge supply voltage
PVCC_xx
10
26
V
VIH
High-level input voltage
3.3-V TTL, 5-V tolerant
2
V
VIL
Low-level input voltage
3.3-V TTL, 5-V tolerant
0.8
V
TA
Operating ambient temperature range
0
85
°C
TJ
Operating junction temperature range
0
150
°C
RL (BTL)
6.0
8
RL (SE)
Load impedance
Output filter: L = 22
µH, C = 680 nF.
3.2
4
Ω
RL (PBTL)
3.2
4
LO (BTL)
10
Minimum output inductance under
LO (SE)
Output-filter inductance
10
µH
short-circuit condition
LO (PBTL)
10
PARAMETER
TEST CONDITIONS
MODE
VALUE
UNITS
32–kHz data rate ±2%
12
× sample rate
384
kHz
Output sample rate 2
×–1×
44.1-, 88.2-, 176.4-kHz data rate ±2%
8
×, 4×, and 2× sample rates
352.8
kHz
oversampled
48-, 96-, 192-kHz data rate ±2%
8
×, 4×, and 2× sample rates
384
kHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fMCLKI
Frequency, MCLK (1 / tcyc2)
4.9
49
MHz
MCLK duty cycle
40%
50%
60%
≥2-V MCLK = 49.152 MHz, within the
MCLK minimum high time
8
ns
min and max duty cycle constraints
≤0.8-V MCLK = 49.152 MHz, within the
MCLK minimum low time
8
ns
min and max duty cycle constraints
LRCLK allowable drift before LRCLK reset
10
MCLKs
External PLL filter capacitor C1
SMD 0603 Y5V
47
nF
External PLL filter capacitor C2
SMD 0603 Y5V
4.7
nF
External PLL filter resistor R
SMD 0603, metal film
470
Ω
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com