Electronic Components Datasheet Search
  English  ▼

X  

TAS5706 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5706 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5706 Datasheet HTML 12Page - Texas Instruments TAS5706 Datasheet HTML 13Page - Texas Instruments TAS5706 Datasheet HTML 14Page - Texas Instruments TAS5706 Datasheet HTML 15Page - Texas Instruments TAS5706 Datasheet HTML 16Page - Texas Instruments TAS5706 Datasheet HTML 17Page - Texas Instruments TAS5706 Datasheet HTML 18Page - Texas Instruments TAS5706 Datasheet HTML 19Page - Texas Instruments TAS5706 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
www.ti.com
HEADPHONE SELECT (HPSEL)
t
d(VOL)
HP Volume
HPSEL
VALID
t
d(VOL)
SpkrVolume
t
(SW)
T0267-01
t
d(VOL)
SpkrVolume
HPSEL
VALID
t
d(VOL)
HP Volume
t
(SW)
T0268-01
TAS5706
SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007
PARAMETER
MIN
MAX
UNIT
tw(MUTE)
Pulse duration, HPSEL active
350
None
ns
td(VOL)
Soft volume update time
See (1)
ms
t(SW)
Switch-over time
0.2
1
ms
(1)
Defined by rate setting. See the Volume Configuration Register section.
Figure 8 and Figure 9 show functionality when bit 4 in HP configuration register is set to DISABLE line output from HP_PWM outputs. If
bit 4 is not set, than the HP PWM outputs are not disabled when HPSEL is brought low.
Figure 8. HPSEL Timing for Headphone Insertion
Figure 9. HPSEL Timing for Headphone Extraction
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TAS5706



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com