Electronic Components Datasheet Search
  English  ▼

X  

PSG91000 Datasheet(PDF) 2 Page - Pro-Signal

Part # PSG91000
Description  Ethernet Cable RJ45 Plug to RJ45 Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91000 Datasheet(HTML) 2 Page - Pro-Signal

  PSG91000 Datasheet HTML 1Page - Pro-Signal PSG91000 Datasheet HTML 2Page - Pro-Signal PSG91000 Datasheet HTML 3Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
20/07/21
Ethernet Cable
RJ45 Plug to RJ45 Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Colour Length (L)
Part Number
Patch Lead Cat5e Snagless UTP
Blue
0.2m
PSG90996
0.5m
SL5EBLUE0.5M
10m
SL5EBLUE10M
15m
SL5EBLUE15M
1m
SL5EBLUE1M
20m
SL5EBLUE20M
2m
SL5EBLUE2M
3m
SL5EBLUE3M
5m
SL5EBLUE5M
Green
0.2m
PSG90998
0.5m
SL5EGREEN0.5M
10m
SL5EGREEN10M
1m
SL5EGREEN1M
20m
SL5EGREEN20M
2m
SL5EGREEN2M
Grey
0.2m
PSG90997
0.5m
SL5EGREY0.5M
10m
SL5EGREY10M
20m
SL5EGREY20M
2m
SL5EGREY2M
3m
SL5EGREY3M
5m
SL5EGREY5M
Red
0.2m
PSG90995
0.5m
SL5ERED0.5M
10m
SL5ERED10M
1m
SL5ERED1M
2m
SL5ERED2M
3m
SL5ERED3M
5m
SL5ERED5M
White
0.2m
PSG91000
0.5m
SL5EWHITE0.5M
10m
SL5EWHITE10M
15m
SL5EWHITE15M
1m
SL5EWHITE1M
20m
SL5EWHITE20M
2m
SL5EWHITE2M
3m
SL5EWHITE3M
5m
SL5EWHITE5M



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com