Electronic Components Datasheet Search
  English  ▼

X  

PSG91000 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91000
Description  Ethernet Cable RJ45 Plug to RJ45 Plug
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91000 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91000 Datasheet HTML 1Page - Pro-Signal PSG91000 Datasheet HTML 2Page - Pro-Signal PSG91000 Datasheet HTML 3Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
20/07/21
Ethernet Cable
RJ45 Plug to RJ45 Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
LAN Category
: Cat5e
Connector to Connector
: RJ45 Plug to RJ45 Plug
Diagram
Note:
Cable: (7/0.18Cu±0.008)×4Pair+PVC Jacket
Cable Marking: RW System Cable UTP Cat5e 4 Pairs 24AWG
Stranded TIA/EIA568 100MHz
Connector: RJ45(8P8C) Male Cat5e Type
Insulation: Clear Polyester
Contacts: Brass, Gold Plated 3µ
Molding: PVC
Part Number Table
Description
Colour Length (L)
Part Number
Patch Lead Cat5e Snagless UTP
Black
0.2m
PSG91001
0.5m
PSG90579
10m
PSG90584
15m
PSG90585
1m
PSG90580
20m
PSG90586
2m
PSG90581
3m
PSG90582
5m
PSG90583


Similar Part No. - PSG91000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSG91056 ETC-PSG91056 Datasheet
731Kb / 1P
DB 9P F TO DB 9P F CABLE
2015.03.04
logo
Pro-Signal
PSG91064 PROSIGNAL-PSG91064 Datasheet
158Kb / 1P
2.0 USB Adapter Type A Plug to Receptacle
25/05/22 V1.0
PSG91066 PROSIGNAL-PSG91066 Datasheet
178Kb / 1P
3.0 USB Adapter Type A Plug to Receptacle
25/05/22 V1.0
More results

Similar Description - PSG91000

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6324 POMONA-6324 Datasheet
32Kb / 1P
Bantam Plug To RJ45 / RJ48
logo
3M Electronics
3R108 3M-3R108 Datasheet
1Mb / 2P
3M Industrial RJ45 Modular Plug
Dec-2005
logo
PHOENIX CONTACT
1688586 PHOENIX-1688586 Datasheet
237Kb / 7P
VARIOSUB RJ45/IP20 Plug Connectors
logo
PowerDynamics, Inc
3352D01110 POWERDYNAMICS-3352D01110 Datasheet
264Kb / 1P
Waterproof RJ45 Jack With Cable and Plug (IP68)
logo
HARTING Technology Grou...
09-12-000-9957 HARTING-09-12-000-9957 Datasheet
438Kb / 2P
RJ45 Plug Stewart Inserts
logo
PHOENIX CONTACT
1419001 PHOENIX-1419001 Datasheet
62Kb / 3P
RJ45 plug connector - VS-08-RJ45-10G/Q
logo
HARTING Technology Grou...
09-12-000-9958 HARTING-09-12-000-9958 Datasheet
459Kb / 2P
RJ45 Plug
logo
List of Unclassifed Man...
P-ND9-ACHX-XXAL ETC-P-ND9-ACHX-XXAL Datasheet
348Kb / 1P
IX INDUSTRIAL ETHERNET CABLE, TYPE A PLUG TO 40mm RIGHT ANGLE RJ45 PLUG, SPECIAL FEATURES, 50μ
Rev. A
P-ND9-ACHX-XXAM ETC-P-ND9-ACHX-XXAM Datasheet
348Kb / 1P
IX INDUSTRIAL ETHERNET CABLE, TYPE A PLUG TO 52mm RIGHT ANGLE RJ45 PLUG, SPECIAL FEATURES, 50μ
Rev. A
logo
Bel Fuse Inc.
CT999267 BEL-CT999267 Datasheet
301Kb / 1P
CATSE RJ45 PLUG TO CATSE RJ45 PLUG COIL CORD
Rev. A1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com