Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1963S
Description  RELIABILITY REPORT FOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1963S Datasheet HTML 1Page - Dallas Semiconductor DS1963S Datasheet HTML 2Page - Dallas Semiconductor DS1963S Datasheet HTML 3Page - Dallas Semiconductor DS1963S Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Conclusion:
DS1963S
The following qualification successfully meets the quality and reliability standards required of all Dallas
Semiconductor products and processes:
Module Description:
A description of this Module can be found in the product data sheet. You can find the product data
sheet at http://dbserv.maxim-ic.com/l_datasheet3.cfm.*
Reliability Derating:
A module device consists of one or more IC's in a single, upward integrated, package. This
package is assembled to include batteries, crystals, and other piece parts that make up the
configuration of the Module. Because of either the complexity of the package or the included piece
parts, standard high temperature reliability testing is not possible. Therefore, in order to determine
the reliability of module products, the reliability of each of the piece parts is individually determined,
then summed to determine the reliability of the integrated module product. If there are "n" significant
components in the module then:
Fr (module) = Fr (1) + Fr (2) + Fr (3) + ..... + Fr (n)
Fr (module) = Failure rate of module
Fr(n) = Failure rate of the nth component
Failure Rates are reported in FITs (Failures in Time) or MTTF (Mean Time To Failure). The FIT rate
is related to MTTF by:
MTTF = 1/Fr
NOTE: MTTF is frequently used interchangeably with MTBF.
The calculated failure rate for this module/assembly is:
The parameters used to calculate the module failure rate are as follows:
Cf: 60%
Ea: 0.7
B: 0
Tu: 25
Vu: 5.5
°C
Volts
In addition, Dallas Semiconductor's continuous reliability monitor program ensures that all outgoing
product will continue to meet Maxim's quality and reliability standards. The current status of the
reliability monitor program can be viewed at http://www.maxim-ic.com/TechSupport /dsreliability.html.*
Module Device:
Quantity:
MTTF (Yrs):
FITs:
5.6
20404
DS2421
1
6
20404
Totals:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com