Electronic Components Datasheet Search
  English  ▼

X  

DS1963S Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1963S
Description  RELIABILITY REPORT FOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1963S Datasheet HTML 1Page - Dallas Semiconductor DS1963S Datasheet HTML 2Page - Dallas Semiconductor DS1963S Datasheet HTML 3Page - Dallas Semiconductor DS1963S Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The reliability data follows. A the start of this data is the module assembly information. This is a
description of the module. The next section is the detailed reliability data for each stress found in the
qualification / monitor. If there are additional processes or assemblies used as part of this report, a
description of each will follow which includes the respective reliability data for that process/
assembly. The reliability data section includes the latest data available.
* Some proprietary products may be excepted from this requirement.
Assembly Site:
Dallas
Body Size:
0
Pin Count:
2
Package Type:
iButton F50 w/Bump
Lead Frame:
Printed Crt Brd; FR4
Assembly Information:
Lead Finsh:
Mold Compound:
FP4323, Dexter Hysol
Die Attach:
Underfill FP4527, Dexter Hysol
Bond Wire / Size:
Al / 1.25 mil
Moisture Sensitivity
(JEDEC J-STD20A)
Flammability:
UL 94-V0
9939
9939
to
Date Code Range:
Qualification Vehicle:
DS1963S
MECHANICAL LIFE
DESCRIPTION
READPOINT
CONDITION
QUANTITY
FAILS
DATE CODE
30
200G, 1/2 SINE, 6 MS
50
0
MECHANICAL SHOCK
CYS
9939
9
10g or 0.06", 5Hz-2KHz, X Y Z axis
50
0
VIBRATION, VARIABLE F
HRS
9939
0
Total:
STORAGE LIFE
DESCRIPTION
READPOINT
CONDITION
QUANTITY
FAILS
DATE CODE
1144
25 C
22
0
STORAGE LIFE
HRS
9939
1000
85 C
77
0
STORAGE LIFE
HRS
9939
0
Total:
TEMPERATURE CYCLE
DESCRIPTION
READPOINT
CONDITION
QUANTITY
FAILS
DATE CODE
1000
-40 TO 85C
77
3
TEMP CYCLE
CYS
9939
3
Total:
UNBIASED MOISTURE RESISTANCE
DESCRIPTION
READPOINT
CONDITION
QUANTITY
FAILS
DATE CODE
959
85 C/85% R.H.
77
0
MOISTURE SOAK
HRS
9939
0
Total:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com