Electronic Components Datasheet Search
  English  ▼

X  

KSC1845 Datasheet(PDF) 2 Page - ON Semiconductor

Part # KSC1845
Description  NPN Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSC1845 Datasheet(HTML) 2 Page - ON Semiconductor

  KSC1845 Datasheet HTML 1Page - ON Semiconductor KSC1845 Datasheet HTML 2Page - ON Semiconductor KSC1845 Datasheet HTML 3Page - ON Semiconductor KSC1845 Datasheet HTML 4Page - ON Semiconductor KSC1845 Datasheet HTML 5Page - ON Semiconductor KSC1845 Datasheet HTML 6Page - ON Semiconductor KSC1845 Datasheet HTML 7Page - ON Semiconductor KSC1845 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC1845 Rev. 1.7
September 2015
KSC1845
NPN Epitaxial Silicon Transistor
Features
• Audio Frequency Low-Noise Amplifier
• Complement to KSA992
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Top Mark
Package
Packing Method
KSC1845FTA
C1845
TO-92 3L
Ammo
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
50
mA
IB
Base Current
10
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to 150
°C
1. Emitter
1 2
3
1
2
3
Straight Lead
Bent Lead
TO-92
Bulk Packing
Tape & Reel
Ammo Packing
2. Collector
3. Base



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com