Electronic Components Datasheet Search
  English  ▼

X  

KSC1845 Datasheet(PDF) 3 Page - ON Semiconductor

Part # KSC1845
Description  NPN Epitaxial Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSC1845 Datasheet(HTML) 3 Page - ON Semiconductor

  KSC1845 Datasheet HTML 1Page - ON Semiconductor KSC1845 Datasheet HTML 2Page - ON Semiconductor KSC1845 Datasheet HTML 3Page - ON Semiconductor KSC1845 Datasheet HTML 4Page - ON Semiconductor KSC1845 Datasheet HTML 5Page - ON Semiconductor KSC1845 Datasheet HTML 6Page - ON Semiconductor KSC1845 Datasheet HTML 7Page - ON Semiconductor KSC1845 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSC1845 Rev. 1.7
2
Thermal Characteristics(1)
Values are at TA = 25°C unless otherwise noted.
Note:
1. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
hFE Classification
Symbol
Parameter
Value
Unit
PD
Power Dissipation
500
mW
Derate Above 25
°C4
mW/
°C
RθJA
Thermal Resistance, Junction-to-Ambient
250
°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVCBO
Collector-Base Breakdown Voltage
IC = 100 μA, IE = 0
120
V
BVCEO
Collector-Emitter Breakdown Voltage IC = 1 mA, IB = 0
120
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 100 μA, IC = 0
5
V
ICBO
Collector Cut-Off Current
VCB = 120 V, IE = 0
50
nA
IEBO
Emitter Cut-Off Current
VEB = 5 V, IC = 0
50
nA
hFE1
DC Current Gain
VCE = 6 V, IC = 0.1 mA
150
580
hFE2
DC Current Gain
VCE = 6 V, IC = 1 mA
200
600
1200
VBE(on)
Base-Emitter On Voltage
VCE = 6 V, IC = 1 mA
0.55
0.59
0.65
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1 mA
0.07
0.30
V
fT
Current Gain Bandwidth Product
VCE = 6 V, IC = 1 mA
50
110
MHz
Cob
Output Capacitance
VCB = 30 V, IE = 0,
f = 1 MHz
1.6
2.5
pF
NL
Noise Level
VCE = 5.0 V, IC = 1.0 mA,
RG = 100kΩ, GV = 80 dB,
f = 10 Hz to 1.0 kHz
25
40
mV
Classification
P
F
E
U
hFE2
200 ~ 400
300 ~ 600
400 ~ 800
600 ~ 1200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com