Electronic Components Datasheet Search
  English  ▼

X  

LM78L Datasheet(PDF) 39 Page - Texas Instruments

Part # LM78L
Description  LM78L 100mA Fixed Output Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM78L Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM78L Datasheet HTML 34Page - Texas Instruments LM78L Datasheet HTML 35Page - Texas Instruments LM78L Datasheet HTML 36Page - Texas Instruments LM78L Datasheet HTML 37Page - Texas Instruments LM78L Datasheet HTML 38Page - Texas Instruments LM78L Datasheet HTML 39Page - Texas Instruments LM78L Datasheet HTML 40Page - Texas Instruments LM78L Datasheet HTML 41Page - Texas Instruments LM78L Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.575 MAX
0.15
0.11
1
TYP
1
TYP
8X
0.18
0.16
0.5
TYP
0.5
TYP
B
E
A
D
4215100/B 07/2016
DSBGA - 0.575 mm max height
YPB0008
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SYMM
SYMM
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
1
2
0.015
C A B
A
B
C
3
SCALE 9.000
D: Max =
E: Max =
1.337 mm, Min =
1.337 mm, Min =
1.276 mm
1.276 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com