Electronic Components Datasheet Search
  English  ▼

X  

ISO7760FDWR Datasheet(PDF) 31 Page - Texas Instruments

Part # ISO7760FDWR
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760FDWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO7760FDWR Datasheet HTML 27Page - Texas Instruments ISO7760FDWR Datasheet HTML 28Page - Texas Instruments ISO7760FDWR Datasheet HTML 29Page - Texas Instruments ISO7760FDWR Datasheet HTML 30Page - Texas Instruments ISO7760FDWR Datasheet HTML 31Page - Texas Instruments ISO7760FDWR Datasheet HTML 32Page - Texas Instruments ISO7760FDWR Datasheet HTML 33Page - Texas Instruments ISO7760FDWR Datasheet HTML 34Page - Texas Instruments ISO7760FDWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
0.1 F
VS
10 F
MBR0520L
MBR0520L
1:1.33
10 F
3
1
D2
SN6501
D1
5
2
GND
GND
4
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333
10 F
ISO 3.3V
VCC
RS
GND
Vref
CANH
CANL
7
6
R
D
0.1 F
SN65HVD231
ISO Barrier
4.7 nF /
2 kV
SM712
10
(optional)
10
(optional)
Vcc
0.1 F
25
26
1
3
4
2
8
5
TMS320F28035PAG
CANRXA
6, 28
29, 57
VSS
VDDIO
CANTXA
VIN
GND
VOUT
2
6
4
REF5025
1 µF
22 µF
36
+VBD
AGND
CH0
1, 22
CS
34
32
33
SCLK
SDI
28
SDO
ADS7953
CH15
11
BDGND
27
5
+VA
4
REFP
7
MXO
8
AINP
REFM
30
16 Analog
Inputs
0.1 µF
CAN Bus
VCC1
VCC2
GND1
GND2
INA
IND
OUTE
INB
OUTA
OUTB
OUTD
INC
OUTF
ISO7762
OUTC
INE
INF
SPISOMIA
SPISIMOA
SPICLKA
44
0.1 F
0.1 F
34
36
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
31
Multiple pins and discrete components omitted for clarity purpose.
Figure 8-1. Isolated SPI and CAN Interface
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25 to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
8.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO776x family of devices only requires two external bypass capacitors to operate.
www.ti.com
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com