Electronic Components Datasheet Search
  English  ▼

X  

SCG4520 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCG4520
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCG4520 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCG4520 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Data Sheet #: SG040
Page 3 of 16
Rev: P01
Date: 11/13/03
© Copyright 2003 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
NOTES:
1.0
Operation of the device at these or any other condition beyond those listed under Operating Specifications is not implied.
Exposure to Absolute Maximum Rating conditions for extended periods of time may affect device reliability.
2.0
Requires external regulation and supply decoupling. (22 uF, 330 pF)
3.0
3db loop response.
4.0
50-ohm load biased to 1.3 volts.
5.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing.
6.0
If the selected reference is removed system response to the ALARM must be less than 10µs.
Operating Specifications
Table 2
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
V
cc
Power Supply Voltage
3.135
3.3
3.465
Volts
2.0
I
cc
Power Supply Current
170
230
280
mA
4.0
T
o
Temperature Range
0
-
70
°C
F
fr
Free Run Frequency
-20
-
20
ppm
F
cap
Capture/pull-in range
-32
-
32
ppm
F
bw
Jitter Filter Bandwidth
-
-
10
Hz
3.0
T
jtol
Input Jitter Tolerance
31.25
-
-
µs
8 kHz Ref. units
(Input Jitter Frequencies
≥ 10 Hz)
1
-
-
µs
19.44 MHz Ref. units
T
aq
Typical Acquisition Time Data
Acquisition from a cold power-up:
Phase lock within 12ns:
50
sec
Phase lock settled:
220
sec
Alarm time:
<1.5
sec
Acquisition from Free Run:
Phase lock within 12ns:
50
sec
Phase lock settled:
220
sec
Alarm time:
Typically no alarm
Frequency lock with a 20PPM reference frequency step: Typically 0.5s.
Phase lock during a switch between equal frequency references: Typically 0.5s, no alarm should be issued
T
rf
Output Rise and Fall Time (20% 80%)
100
225
350
ps
4.0
DC
Output Duty Cycle
40
50
60
%
MTIE
sr
MTIE at Synchronization Rearrangement
GR-253-CORE.1999 R5-136
5.0, 6.0
Dynamic Offset Range (0°- 25°)
-50
-
50
ns
Dynamic Offset Range (25°- 70°)
-50
-
50
ns
Output Jitter Specifications
Table 3
Jitter BW 10 Hz - 1 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
77.76
10 Typ.
0.776 Typ.
1 Max.
0.076 Max.
125.00
10 Typ.
1.250 Typ.
1 Max.
0.125 Max.
155.52
10 Typ.
1.556 Typ.
1 Max.
0.156 Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com