Electronic Components Datasheet Search
  English  ▼

X  

SCG4520 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCG4520
Description  Synchronous Clock Generators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCG4520 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCG4520 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG4520 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
• ± 32 ppm Capture/Pull-In Range
• Phase Locked Output Frequency Control
• Intrinsically Low Jitter Crystal Oscillator
• LVPECL Outputs with Disable Function
• Dual Input References
• LOR & LOL combined alarm output
• Force Free Run Function
• Automatic Free Run operation on loss of
both References A & B
• Input Duty Cycle Tolerant
• 3.3V dc Power Supply
• Small Size: 1 Square Inch
SCG4501
Synchronous Clock
Generators
PLL
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630-851-4722
Fax: 630-851-5040
www.conwin.com
Bulletin
SG040
Page
1 of 16
Revision
P01
Date
13 NOV 03
Issued By
MBatts


Similar Part No. - SCG4520

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG4521 CONNOR-WINFIELD-SCG4521 Datasheet
1Mb / 16P
Synchronous Clock Generators
SCG4521 CONNOR-WINFIELD-SCG4521_15 Datasheet
1Mb / 16P
Synchronous Clock Generators
More results

Similar Description - SCG4520

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com