Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 12 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 12 Page - Delta Electronics, Inc.

Back Button PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. PMT2 Datasheet HTML 10Page - Delta Electronics, Inc. PMT2 Datasheet HTML 11Page - Delta Electronics, Inc. PMT2 Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
PMT2 Panel Mount Power Supply
PMT2 200 W series / PMT-□V200W2B□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (July 2021, Rev. 01)
12
Others
Attention
Delta provides all information in the datasheets on an “AS IS” basis and does not offer any kind of warranty through the information for
using the product. In the event of any discrepancy between the information in the catalog and datasheets, the datasheets shall prevail
(please refer to www.DeltaPSU.com for the latest datasheets information). Delta shall have no liability of indemnification for any claim or
action arising from any error for the provided information in the datasheets. Customer shall take its responsibility for evaluation of using
the product before placing an order with Delta.
Delta reserves the right to make changes to the information described in the datasheets without notice.
Manufacturer and Authorized Representatives Information:
Manufacturer:
Thailand:
Delta Electronics (Thailand) PCL.
909 Pattana 1 Rd., Muang, Samutprakarn, 10280 Thailand
Taiwan:
Delta Electronics, Inc.
3 Tungyuan Road, Chungli Industrial Zone, Taoyuan County
32063, Taiwan
Authorized representatives:
The Netherlands:
Delta Greentech (Netherlands) B.V.
Zandsteen 15, 2132 MZ Hoofddorp, The Netherlands
United Kingdom:
Delta Electronics Europe Limited
1 Redwood Court, Peel Park Campus,
East Kilbride, Glasgow, G74 5PF, United Kingdom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com