Electronic Components Datasheet Search
  English  ▼

X  

PMT2 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # PMT2
Description  PMT2 Panel Mount Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT2 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  PMT2 Datasheet HTML 1Page - Delta Electronics, Inc. PMT2 Datasheet HTML 2Page - Delta Electronics, Inc. PMT2 Datasheet HTML 3Page - Delta Electronics, Inc. PMT2 Datasheet HTML 4Page - Delta Electronics, Inc. PMT2 Datasheet HTML 5Page - Delta Electronics, Inc. PMT2 Datasheet HTML 6Page - Delta Electronics, Inc. PMT2 Datasheet HTML 7Page - Delta Electronics, Inc. PMT2 Datasheet HTML 8Page - Delta Electronics, Inc. PMT2 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PMT2 Panel Mount Power Supply
PMT2 200 W series / PMT-□V200W2B□□
TECHNICAL DATASHEET
All parameters are specified at 25°C ambient and nominal AC input unless otherwise indicated.
www.DeltaPSU.com (July 2021, Rev. 01)
4
Safety Standards / Directives
Safety Entry Low Voltage
SELV
Electrical Safety
TUV Bauart
cULus
CB scheme
CCC
KC
EAC
BSMI
cULus
CB scheme
EAC
PMT-☐V200W2BR☐:
EN 62368-1,EN 60335-1, EN 61558-1/-2-16
UL 62368-1, and CAN/CSA C22.2 No. 62368-1
IEC 62368-1, IEC 60950-1, IEC 60335-1, IEC 61558-1/-2-16
GB 4943 (design compliance)
K 60950-1 (12 & 24 V model)
TP TC 004/2011
CNS 14336-1
PMT-☐V200W2BM☐:
UL 62368-1, and CAN/CSA C22.2 No. 62368-1
IEC 62368-1, IEC 60950-1
TP TC 004/2011
CE
PMT-☐V200W2BR☐:
In conformance with EMC Directive 2014/30/EU and Low Voltage Directive
2014/35/EU
UKCA
PMT-☐V200W2BR☐:
In conformance with Electromagnetic Compatibility Regulations 2016 and
Electrical Equipment (Safety) Regulations 2016
Galvanic Isolation
Input to Output 4.0 KVac
Input to Ground 2.0 KVac
Output to Ground 1.25 KVac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com