Electronic Components Datasheet Search
  English  ▼

X  

LM3544 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3544
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3544 Datasheet HTML 11Page - Texas Instruments LM3544 Datasheet HTML 12Page - Texas Instruments LM3544 Datasheet HTML 13Page - Texas Instruments LM3544 Datasheet HTML 14Page - Texas Instruments LM3544 Datasheet HTML 15Page - Texas Instruments LM3544 Datasheet HTML 16Page - Texas Instruments LM3544 Datasheet HTML 17Page - Texas Instruments LM3544 Datasheet HTML 18Page - Texas Instruments LM3544 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
LM3544
www.ti.com
SNVS062C – AUGUST 2000 – REVISED MAY 2013
Figure 27. Using the LM3544 in USB Bus-Powered Functions
WAKE-ON-USB AND REMOTE WAKE-UP APPLICATIONS
The LM3544 can be used in desktop and notebook PC based root hubs to switch the power connection of USB
devices between the main power source, used when the device is active, and a reduced power auxiliary supply.
The auxiliary supply, used when the device is in suspend mode, can dramatically decrease the power
consumption of a computer that contains devices that spend extended periods of time in suspend mode. This
application also works especially well with devices configured for remote wake-up capabilities (i.e.: using a
keystroke on a mouse or keyboard to awaken a suspended PC). A schematic showing an example of how the
LM3544 can be configured to switch the power connection of a device between two separate sources is shown in
Figure 28, below.
In the example, the logic signals EN and SRC control the power supply connections. If the EN signal is low, all
four LM3544 switches will be open and neither supply will be connected to the bus. If EN and SRC are both high,
switch 1 and switch 3 close, connecting the main power supply to the two bus power outputs. When EN is high
and SRC is low, the auxiliary supply is connected to the power outputs through switches 2 and 4.
In order to allow the power-switching circuit to smoothly transition from one supply to another, delay networks
must be placed before the enable pins. These delay networks account for the turn-on delay of the LM3544
switches by slowing the fall time of the enable signals. Rise times of these signals are not affected by the delay
networks. Glitch free transition is assured as long as both supplies remain within operating specifications for a
minimum of 5 ms after the logic signal SRC is toggled.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com