Electronic Components Datasheet Search
  English  ▼

X  

LM3544 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3544
Description  4-ch, 0.5A loading, 2.7-5.5V, 90mΩ USB power switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3544 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3544 Datasheet HTML 5Page - Texas Instruments LM3544 Datasheet HTML 6Page - Texas Instruments LM3544 Datasheet HTML 7Page - Texas Instruments LM3544 Datasheet HTML 8Page - Texas Instruments LM3544 Datasheet HTML 9Page - Texas Instruments LM3544 Datasheet HTML 10Page - Texas Instruments LM3544 Datasheet HTML 11Page - Texas Instruments LM3544 Datasheet HTML 12Page - Texas Instruments LM3544 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LM3544
www.ti.com
SNVS062C – AUGUST 2000 – REVISED MAY 2013
FUNCTIONAL DESCRIPTION
POWER SWITCHES
The power switches that comprise the four ports of the LM3544 are N-Channel MOSFETs. They have a typical
onstate drain-to-source resistance of 90 m
Ω when the input voltage is 5 V. When enabled, each switch will
supply a 500 mA minimum current to its load. In the unlikely event that a switch is enabled and the output
voltage of that switch is pulled above the input voltage, the bi-directional nature of the switch results in current to
flow from the output to the input. When a switch is disabled, current flow through the switch is prevented in both
directions.
CHARGE PUMP AND DRIVER
The gate voltages of the high-side NFET power switches are supplied by an internal charge-pump and driver
circuit combination. The charge pump is a low-current, switched capacitor circuit that efficiently generates
voltages above the LM3544 input supply. The charge pump output is used to supply a transconductance
amplifier driver circuit that controls the gate voltages of the power switches. Rise and fall times on the gates are
typically kept between 2 ms and 4 ms to limit large current surges and associated electromagnetic interference
(EMI).
ENABLE (ENX OR ENX)
The LM3544 comes in two versions: an active-high enable version, LM3544-H, and an active-low enable version,
LM3544-L. In the LM3544-H, the ENX pins are active-high logic inputs that, when asserted, turn on the
associated power supply switch(es). Power supply switches are controlled by the ENX active-low logic inputs in
the LM3544-L. With all four ports disabled on either version of the LM3544, less than 5
μA of supply current is
consumed. Both types of enable inputs, active-high and active-low, are TTL and CMOS logic compatible.
INPUT AND OUTPUT
The power supply to the control circuitry and the drains of the power-switch MOSFETs are connected to the two
input pins, IN1 and IN2. These two pins are connected externally in most standard applications. The two ground
nodes GND1 and GND2 must be connected externally in all applications. Pins OUT1, OUT2, OUT3, and OUT4
are connections to the source nodes of the power-switch MOSFETs. In a typical application circuit, current flows
through the switches from IN1 and IN2 to OUTX toward the load.
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage Lockout (UVLO) prevents the MOSFET switches from turning on until the input voltage exceeds a
typical value of 1.8V.
If the input voltage drops below the UVLO threshold, the MOSFET switches are opened and fault flags are
activated. UVLO flags function only when one or more of the ports is enabled. If a port is enabled in a UVLO
condition, flags corresponding to the enabled port and its dual (port 1 is paired with port 2, port 3 is paired with
port 4) are asserted.
CURRENT LIMIT AND FOLD-BACK
The current limit circuit is designed to protect the system supply, the LM3544 switches, and the load from
potential damage resulting from excessive currents. If a direct short occurs on an output of the LM3544, the input
capacitor(s) rapidly discharge through the part, activating current limit circuitry. The threshold for activating
current limiting is 2.0A (typ.). Protection is achieved by momentarily opening the MOSFET switch and then
gradually turning it on. Turn-on is halted when the current through the switch reaches the current-limit level of
1.0A (typ.) The current is held at this level until either the excessive load/short is removed or the part overheats
and thermal shutdown occurs (see THERMAL SHUTDOWN). The fault flag of a switch is asserted whenever the
switch is current limiting.
If a port on the LM3544 is enabled into a short condition, the output current of that port will rise to the current-
limit level and hold there.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3544



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com